Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL70227SEHF/PROTO Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ISL70227SEHF/PROTO
Description  36V Radiation Hardened Dual Precision Operational Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL70227SEHF/PROTO Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ISL70227SEHF/PROTO Datasheet HTML 9Page - Renesas Technology Corp ISL70227SEHF/PROTO Datasheet HTML 10Page - Renesas Technology Corp ISL70227SEHF/PROTO Datasheet HTML 11Page - Renesas Technology Corp ISL70227SEHF/PROTO Datasheet HTML 12Page - Renesas Technology Corp ISL70227SEHF/PROTO Datasheet HTML 13Page - Renesas Technology Corp ISL70227SEHF/PROTO Datasheet HTML 14Page - Renesas Technology Corp ISL70227SEHF/PROTO Datasheet HTML 15Page - Renesas Technology Corp ISL70227SEHF/PROTO Datasheet HTML 16Page - Renesas Technology Corp ISL70227SEHF/PROTO Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
ISL70227SEH
FN7958 Rev 3.00
Page 13 of 18
July 18, 2014
FIGURE 32. LARGE SIGNAL TRANSIENT RESPONSE vs RL,
VS = ±5V, ±15V
FIGURE 33. SMALL SIGNAL TRANSIENT RESPONSE, VS = ±5V, ±15V
FIGURE 34. POSITIVE OUTPUT OVERLOAD RESPONSE TIME,
VS =±15V
FIGURE 35. NEGATIVE OUTPUT OVERLOAD RESPONSE TIME,
VS =±15V
FIGURE 36. % OVERSHOOT vs LOAD CAPACITANCE, VS = ±15V
Typical Performance Curves V
S = ±15V, VCM = 0V, RL = Open, TA = +25°C, unless otherwise specified. (Continued)
TIME (µs)
-2.4
-2.0
-1.6
-1.2
-0.8
-0.4
0
0.4
0.8
1.2
1.6
2.0
2.4
0
5
10
15
20
25
30
35
40
AV = 1
CL = 3.5pF
VOUT = 4VP-P
VS = ±15V, RL = 2k, 10k
VS = ±5V, RL = 2k, 10k
80
60
40
20
0
20
40
60
80
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
TIME (ms)
RL = 2k
AV = 1
CL = 3.5pF
VOUT = 100mVP-P
VS = ±5V, ±15V
TIME (µs)
-0.26
-0.20
-0.18
-0.14
-0.10
-0.06
-0.02
0.02
0.06
0
5
10
15
20
25
30
35
40
-1
1
3
5
7
9
11
13
15
INPUT
OUTPUT
VS = ±15V
RL = 10k
AV = 100
CL = 3.5pF
Rf = 100k, Rg = 1k
VIN = 200mVP-P
TIME (µs)
-0.06
-0.02
0.02
0.06
0.10
0.04
0.08
0.22
0.26
0
5
10
15
20
25
30
35
40
-14
-12
-10
-8
-6
-4
-2
0
2
INPUT
OUTPUT
VS = ±15V
RL = 10k
AV = 100
CL = 3.5pF
Rf = 100k, Rg = 1k
VIN = 200mVP-P
CAPACITANCE (pF)
0
10
20
30
40
50
60
70
80
90
10
100
1000
10000
OV
ER
SH
OO
T +
VS = ±15V
RL = 10k
AV = 1
VOUT = 100mVP-P
OV
ER
SH
OO
T -



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com