Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL71043MEVAL1Z Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # ISL71043MEVAL1Z
Description  Radiation Tolerant Low-Side GaN FET Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL71043MEVAL1Z Datasheet(HTML) 4 Page - Renesas Technology Corp

  ISL71043MEVAL1Z Datasheet HTML 1Page - Renesas Technology Corp ISL71043MEVAL1Z Datasheet HTML 2Page - Renesas Technology Corp ISL71043MEVAL1Z Datasheet HTML 3Page - Renesas Technology Corp ISL71043MEVAL1Z Datasheet HTML 4Page - Renesas Technology Corp ISL71043MEVAL1Z Datasheet HTML 5Page - Renesas Technology Corp ISL71043MEVAL1Z Datasheet HTML 6Page - Renesas Technology Corp ISL71043MEVAL1Z Datasheet HTML 7Page - Renesas Technology Corp ISL71043MEVAL1Z Datasheet HTML 8Page - Renesas Technology Corp ISL71043MEVAL1Z Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
ISL71040M
1. Overview
R34DS0001EU0101 Rev.1.01
Page 4 of 23
Dec 15, 2022
1.3
Pin Descriptions
Pin Number
Pin Name
ESD Circuit
Description
1
VDD
3
Supply for the ISL71040M internal linear regulator. Locally bypass the supply to VDD using
at least a 4.7µF ceramic capacitor.
2
IN
3
Non-inverting input pin that controls the OUTH and OUTL outputs. This input has
TTL/CMOS type thresholds. When using the ISL71040M in an inverting application, tie this
pin to VDD to enable the outputs.
3
INB
3
Inverting input pin that controls the OUTH and OUTL outputs. This input has TTL/CMOS
type thresholds. When using the ISL71040M in a non-inverting application, tie this pin to
VSS to enable the outputs.
4
VSS
4
Supply ground. Connect this pin to VSSP from the PCB ground plane.
5
VSSP
4
Power supply ground. Connect this pin to VSS from the PCB ground plane.
6
OUTL
2
Output low pin that is the gate driver turn-off output. Connect this pin to the gate of the GaN
FET with a short, low inductance path. A series gate resistor can be used to adjust the
turn-off speed.
7
OUTH
1
Output high pin that is the gate driver turn-on output. Connect this pin to the gate of the GaN
FET with a short, low inductance path. A series gate resistor can be used to adjust the
turn-on speed.
8
VDRV
1
Internal linear regulator output and the gate drive voltage. Locally bypass this pin using at
least a 4.7µF ceramic capacitor; 2µF to 10µF with variability.
-
EPAD
4
The exposed pad should be connected externally to VSSP. Put as many vias as possible in
this pad connecting to other PCB layers to improve heat dissipation.
ESD Circuits:
Circuit 1
Circuit 3
Circuit 4
Circuit 2
VSS
VSSP
VSSP
VSS
PIN #
PIN #
PIN #
7V
7V
7V
7V
7V
VSS
VSSP
VSS
VSSP
17V
17V
VDRV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com