Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GRF2012W Datasheet(PDF) 5 Page - Guerrilla RF, Inc.

Part # GRF2012W
Description  BROADBAND LINEAR GAIN BLOCK 0.05 to 6 GHz
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GUERRILLA [Guerrilla RF, Inc.]
Direct Link  https://www.guerrilla-rf.com/
Logo GUERRILLA - Guerrilla RF, Inc.

GRF2012W Datasheet(HTML) 5 Page - Guerrilla RF, Inc.

  GRF2012W Datasheet HTML 1Page - Guerrilla RF, Inc. GRF2012W Datasheet HTML 2Page - Guerrilla RF, Inc. GRF2012W Datasheet HTML 3Page - Guerrilla RF, Inc. GRF2012W Datasheet HTML 4Page - Guerrilla RF, Inc. GRF2012W Datasheet HTML 5Page - Guerrilla RF, Inc. GRF2012W Datasheet HTML 6Page - Guerrilla RF, Inc. GRF2012W Datasheet HTML 7Page - Guerrilla RF, Inc. GRF2012W Datasheet HTML 8Page - Guerrilla RF, Inc. GRF2012W Datasheet HTML 9Page - Guerrilla RF, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
GRF2012W Broadband Linear Gain Block 0.05 to 6 GHz
RELEASE A DATA SHEET
Guerrilla RF Proprietary Information. • ©2023 Guerrilla RF, Inc. • All rights reserved. • April 17, 2023
www.guerrilla-rf.com • (336) 510-7840 • sales@guerrilla-rf.com • 2000 Pisgah Church Road. Greensboro, NC 27455
5
Recommended Operating Conditions
Parameter
Symbol
Specification
Unit
Condition
Min.
Typ.
Max.
Supply Voltage
VDD
0
5
9
V
Operating Temperature
(Package Heat Sink)
TPKG HEAT SINK
-40
105
°C
RF Frequency Range
FTEST
0.05
0.9
6
GHz
Typical Application Schematic
with external matching
components (note 1 & 2).
RF_IN Port Impedance
ZRFIN
50
Single Ended.
RF_OUT Port Impedance
ZRFOUT
50
Single Ended.
Note 1: Operation outside this range is possible, but with degraded performance of some parameters.
Note 2: Contact the Guerrilla RF Applications team for guidance on optimizing the tuning of the device for alternative
bands.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com