Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GRF2012W Datasheet(PDF) 13 Page - Guerrilla RF, Inc.

Part # GRF2012W
Description  BROADBAND LINEAR GAIN BLOCK 0.05 to 6 GHz
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GUERRILLA [Guerrilla RF, Inc.]
Direct Link  https://www.guerrilla-rf.com/
Logo GUERRILLA - Guerrilla RF, Inc.

GRF2012W Datasheet(HTML) 13 Page - Guerrilla RF, Inc.

Back Button GRF2012W Datasheet HTML 9Page - Guerrilla RF, Inc. GRF2012W Datasheet HTML 10Page - Guerrilla RF, Inc. GRF2012W Datasheet HTML 11Page - Guerrilla RF, Inc. GRF2012W Datasheet HTML 12Page - Guerrilla RF, Inc. GRF2012W Datasheet HTML 13Page - Guerrilla RF, Inc. GRF2012W Datasheet HTML 14Page - Guerrilla RF, Inc. GRF2012W Datasheet HTML 15Page - Guerrilla RF, Inc. GRF2012W Datasheet HTML 16Page - Guerrilla RF, Inc. GRF2012W Datasheet HTML 17Page - Guerrilla RF, Inc.  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
GRF2012W Broadband Linear Gain Block 0.05 to 6 GHz
RELEASE A DATA SHEET
Guerrilla RF Proprietary Information. • ©2023 Guerrilla RF, Inc. • All rights reserved. • April 17, 2023
www.guerrilla-rf.com • (336) 510-7840 • sales@guerrilla-rf.com • 2000 Pisgah Church Road. Greensboro, NC 27455
13
GRF2012W Measurement Board Assembly Diagram Reference (0.7 to 3.8 GHz Tune)
Component
Type
Manufacturer
Family
Value
Package Size
Substitution
M2
Capacitor
Murata
GRM
100 pF
0402
ok
M5 Sets IDQQ
Resistor
Various
5%
See Curves
0402
ok
M6
Resistor (Jumper)
Various
-
0 Ω
0402
ok
M8
Capacitor
Murata
GRM
0.1 uF
0402
ok
M10
Inductor
Murata
LQG
47 nH
0402
ok
M12
Capacitor
Murata
GRM
1000 pF
0402
ok
Evaluation Board GRF400X_RevC
GRF2012W Bias Resistor Selection Curves
GRF2012W w/VDD = 5 V: Required Bias R @ VENABLE vs IDDQ
IDDQ (mA)
VEN = 5 V
VEN = 4 V
VEN = 3 V
VEN = 2 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com