Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PDTC124XQB Datasheet(PDF) 5 Page - Nexperia B.V. All rights reserved

Part # PDTC124XQB
Description  50 V, 100 mA PNP resistor-equipped transistors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PDTC124XQB Datasheet(HTML) 5 Page - Nexperia B.V. All rights reserved

  PDTC124XQB Datasheet HTML 1Page - Nexperia B.V. All rights reserved PDTC124XQB Datasheet HTML 2Page - Nexperia B.V. All rights reserved PDTC124XQB Datasheet HTML 3Page - Nexperia B.V. All rights reserved PDTC124XQB Datasheet HTML 4Page - Nexperia B.V. All rights reserved PDTC124XQB Datasheet HTML 5Page - Nexperia B.V. All rights reserved PDTC124XQB Datasheet HTML 6Page - Nexperia B.V. All rights reserved PDTC124XQB Datasheet HTML 7Page - Nexperia B.V. All rights reserved PDTC124XQB Datasheet HTML 8Page - Nexperia B.V. All rights reserved PDTC124XQB Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Nexperia
PDTA143X/123J/143Z/114Y/124XQB
series
50 V, 100 mA PNP resistor-equipped transistors
10. Characteristics
Table 8. Characteristics
Tamb = 25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max Unit
V(BR)CBO
collector-base
breakdown voltage
IC = -100 µA; IE = 0 A
-50
-
-
V
V(BR)CEO
collector-emitter
breakdown voltage
IC = -2 mA; IB = 0 A
-50
-
-
V
ICBO
collector-base cut-off
current
VCB = -50 V; IE = 0 A
-
-
-100 nA
VCE = -30 V; IB = 0 A
-
-
-100 nA
ICEO
collector-emitter cut-off
current
VCE = -30 V; IB = 0 A; Tj = 150 °C
-
-
-5
µA
emitter-base cut-off current
PDTA143XQB
-
-
-600 µA
PDTA123JQB
-
-
-180 µA
PDTA143ZQB
-
-
-170 µA
PDTA114YQB
-150 µA
IEBO
PDTA124XQB
VEB = -5 V; IC = 0 A
-120 µA
DC current gain
PDTA143XQB
50
-
-
PDTA123JQB
100
-
-
PDTA143ZQB
VCE = -5 V; IC = -10 mA
100
-
-
PDTA114YQB
100
-
-
hFE
PDTA124XQB
VCE = -5 V; IC = -5 mA
80
-
-
collector-emitter saturation voltage
PDTA143XQB
IC = -10 mA; IB = -0.5 mA
-
-
-100 mV
PDTA123JQB
-
-
-100 mV
PDTA143ZQB
-
-
-100 mV
PDTA114YQB
IC = -5 mA; IB = -0.25 mA
-
-
-100 mV
VCEsat
PDTA124XQB
IC = -10 mA; IB = -0.5 mA
-
-
-100 mV
off-state input voltage
PDTA143XQB
-
-0.9
-0.3
V
PDTA123JQB
-
-0.6
-0.5
V
PDTA143ZQB
-
-0.6
-0.5
V
PDTA114YQB
-
-0.7
-0.5
V
VI(off)
PDTA124XQB
VCE = -5 V ; IC = -100 µA
-
-0.8
-0.5
V
on-state input voltage
PDTA143XQB
VCE = -0.3 V ; IC = -20 mA
-2.5
-1.5
-
V
PDTA123JQB
VCE = -0.3 V ; IC = -5 mA
-1.1
-0.75 -
V
PDTA143ZQB
VCE = -0.3 V ; IC = -5 mA
-1.3
-0.9
-
V
PDTA114YQB
VCE = -0.3 V ; IC = -1 mA
-1.4
-0.8
-
V
VI(on)
PDTA124XQB
VCE = -0.3 V ; IC = -2 mA
-2
-1.1
-
V
PDTA143X_TO_124XQB_SER
All information provided in this document is subject to legal disclaimers.
©
Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 1 — 28 September 2021
5 / 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com