Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PDTC124XQB Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # PDTC124XQB
Description  50 V, 100 mA PNP resistor-equipped transistors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PDTC124XQB Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  PDTC124XQB Datasheet HTML 1Page - Nexperia B.V. All rights reserved PDTC124XQB Datasheet HTML 2Page - Nexperia B.V. All rights reserved PDTC124XQB Datasheet HTML 3Page - Nexperia B.V. All rights reserved PDTC124XQB Datasheet HTML 4Page - Nexperia B.V. All rights reserved PDTC124XQB Datasheet HTML 5Page - Nexperia B.V. All rights reserved PDTC124XQB Datasheet HTML 6Page - Nexperia B.V. All rights reserved PDTC124XQB Datasheet HTML 7Page - Nexperia B.V. All rights reserved PDTC124XQB Datasheet HTML 8Page - Nexperia B.V. All rights reserved PDTC124XQB Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
PDTA143X/123J/143Z/114Y/124XQB
series
50 V, 100 mA PNP resistor-equipped transistors
Rev. 1 — 28 September 2021
Product data sheet
1. General description
100 mA PNP Resistor-Equipped Transistor (RET) family in an ultra small DFN1110D-3 (SOT8015)
leadless Surface-Mounted Device (SMD) plastic package with side-wettable flanks.
Table 1. Product overview
R1
R2
Package
Type number
kΩ
kΩ
Nexperia
JEDEC
NPN complement:
PDTA143XQB
4.7
10
PDTC143XQB
PDTA123JQB
2.2
47
PDTC123JQB
PDTA143ZQB
4.7
47
PDTC143ZQB
PDTA114YQB
10
47
PDTC114YQB
PDTA124XQB
22
47
SOT8015
MO-340BA
PDTC124XQB
2. Features and benefits
• 100 mA output current capability
• Built-in resistors
• Simplifies circuit design
• Reduces component count
• Reduces pick and place costs
• Low package height of 0.5 mm
• Suitable for Automatic Optical Inspection (AOI) of solder joint
3. Applications
• Digital applications
• Cost saving alternative for BC857 series in digital applications
• Controlling IC inputs
• Switching loads
4. Quick reference data
Table 2. Quick reference data
Tamb = 25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCEO
collector-emitter voltage
open base
-
-
-50
V
IO
output current
-
-
-100
mA


Similar Part No. - PDTC124XQB

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PDTC124XQB NEXPERIA-PDTC124XQB Datasheet
362Kb / 20P
50 V, 100 mA NPN resistor-equipped transistors
Rev. 1 - 1 October 2021
PDTC124XQB NEXPERIA-PDTC124XQB Datasheet
362Kb / 20P
50 V, 100 mA NPN resistor-equipped transistors
Rev. 1 - 1 October 2021
PDTC124XQB-Q NEXPERIA-PDTC124XQB-Q Datasheet
363Kb / 20P
50 V, 100 mA NPN resistor-equipped transistors
Rev. 1 - 1 October 2021
PDTC124XQB-Q NEXPERIA-PDTC124XQB-Q Datasheet
363Kb / 20P
50 V, 100 mA NPN resistor-equipped transistors
Rev. 1 - 1 October 2021
PDTC124XQB-Q NEXPERIA-PDTC124XQB-Q Datasheet
363Kb / 20P
50 V, 100 mA PNP resistor-equipped transistors
Rev. 1 - 28 September 2021
More results

Similar Description - PDTC124XQB

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PDTA143EQA NEXPERIA-PDTA143EQA Datasheet
2Mb / 21P
50 V, 100 mA PNP resistor-equipped transistors
PDTA143EQB-Q_SER NEXPERIA-PDTA143EQB-Q_SER Datasheet
332Kb / 18P
50 V, 100 mA PNP resistor-equipped transistors
Rev. 1 - 28 September 2021
PDTA143EQC-Q_SER NEXPERIA-PDTA143EQC-Q_SER Datasheet
335Kb / 18P
50 V, 100 mA PNP resistor-equipped transistors
Rev. 1 - 1 October 2021
PDTA143XQB-Q_SER NEXPERIA-PDTA143XQB-Q_SER Datasheet
363Kb / 20P
50 V, 100 mA PNP resistor-equipped transistors
Rev. 1 - 28 September 2021
PDTA143XQC-Q_SER NEXPERIA-PDTA143XQC-Q_SER Datasheet
365Kb / 20P
50 V, 100 mA PNP resistor-equipped transistors
Rev. 1 - 30 September 2021
PDTA143EQA_SER NEXPERIA-PDTA143EQA_SER Datasheet
2Mb / 21P
50 V, 100 mA PNP resistor-equipped transistors
Rev. 1 - 18 December 2015
PDTA143EQB_SER NEXPERIA-PDTA143EQB_SER Datasheet
331Kb / 18P
50 V, 100 mA PNP resistor-equipped transistors
Rev. 1 - 28 September 2021
PDTA143EQC_SER NEXPERIA-PDTA143EQC_SER Datasheet
335Kb / 18P
50 V, 100 mA PNP resistor-equipped transistors
Rev. 1 - 1 October 2021
PDTA143XQA_SER NEXPERIA-PDTA143XQA_SER Datasheet
2Mb / 22P
50 V, 100 mA PNP resistor-equipped transistors
Rev. 1 - 30 October 2015
PDTA143XQC_SER NEXPERIA-PDTA143XQC_SER Datasheet
365Kb / 20P
50 V, 100 mA PNP resistor-equipped transistors
Rev. 1 - 30 September 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com