Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL72028SEHX/SAMPLE Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # ISL72028SEHX/SAMPLE
Description  3.3V Radiation Tolerant CAN Transceiver, with Low Power Shutdown, Split Termination Output
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL72028SEHX/SAMPLE Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button ISL72028SEHX/SAMPLE Datasheet HTML 7Page - Renesas Technology Corp ISL72028SEHX/SAMPLE Datasheet HTML 8Page - Renesas Technology Corp ISL72028SEHX/SAMPLE Datasheet HTML 9Page - Renesas Technology Corp ISL72028SEHX/SAMPLE Datasheet HTML 10Page - Renesas Technology Corp ISL72028SEHX/SAMPLE Datasheet HTML 11Page - Renesas Technology Corp ISL72028SEHX/SAMPLE Datasheet HTML 12Page - Renesas Technology Corp ISL72028SEHX/SAMPLE Datasheet HTML 13Page - Renesas Technology Corp ISL72028SEHX/SAMPLE Datasheet HTML 14Page - Renesas Technology Corp ISL72028SEHX/SAMPLE Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
ISL72028SEH
FN8764 Rev 3.00
Page 11 of 18
August 16, 2016
Typical Performance Curves C
L = 15pF, TA = +25°C; unless otherwise specified.
FIGURE 20. SUPPLY CURRENT vs FAST DATA RATE vs
TEMPERATURE
FIGURE 21. SUPPLY CURRENT vs MEDIUM DATA RATE vs
TEMPERATURE
FIGURE 22. SUPPLY CURRENT vs SLOW DATA RATE vs
TEMPERATURE
FIGURE 23. BUS PIN LEAKAGE vs VCM AT VCC = 0V
FIGURE 24. BUS PIN LEAKAGE vs ±12V VCM
FIGURE 25. BUS PIN LEAKAGE vs ±35V VCM
0
5
10
15
20
25
100
200
300
400
500
600
700
800
900
1000
DATA RATE (kbps)
-55 °C
+25 °C
+125 °C
RS = GND, RDIFF = 60Ω
100
200
300
400
500
600
700
800
900 1000
DATA RATE (kbps)
0
5
10
15
20
25
-55 °C
+25 °C
+125 °C
RS = 10kΩ, RDIFF = 60Ω
DATA RATE (kbps)
100
200
300
400
500
600
700
800
900
1000
0
5
10
15
20
25
-55 °C
+25 °C
+125 °C
RS = 50kΩ, RDIFF = 60Ω
-100
-50
0
50
100
150
200
-8
-4
0
4
8
12
BUS VOLTAGE (V)
-55 °C
+25 °C
VCC = RS = GND, D = 3V, OTHER BUS PIN = GND
+125 °C
-600
-400
-200
0
200
400
600
-12
-9
-6
-3
0
369
12
BUS VOLTAGE (V)
+125 °C
-55 °C
+25 °C
VCC = 3V OR 3.6V, RS = GND, D = VCC, OTHER BUS PIN = GND
BUS VOLTAGE (V)
-15
-10
-5
0
5
10
15
-40
-30
-20
-10
0
10
20
30
40
+125 °C
-55 °C
+25 °C
VCC = 3V OR 3.6V, RS = GND, D = VCC, OTHER BUS PIN = GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com