Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL72028SEHX/SAMPLE Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # ISL72028SEHX/SAMPLE
Description  3.3V Radiation Tolerant CAN Transceiver, with Low Power Shutdown, Split Termination Output
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL72028SEHX/SAMPLE Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button ISL72028SEHX/SAMPLE Datasheet HTML 10Page - Renesas Technology Corp ISL72028SEHX/SAMPLE Datasheet HTML 11Page - Renesas Technology Corp ISL72028SEHX/SAMPLE Datasheet HTML 12Page - Renesas Technology Corp ISL72028SEHX/SAMPLE Datasheet HTML 13Page - Renesas Technology Corp ISL72028SEHX/SAMPLE Datasheet HTML 14Page - Renesas Technology Corp ISL72028SEHX/SAMPLE Datasheet HTML 15Page - Renesas Technology Corp ISL72028SEHX/SAMPLE Datasheet HTML 16Page - Renesas Technology Corp ISL72028SEHX/SAMPLE Datasheet HTML 17Page - Renesas Technology Corp ISL72028SEHX/SAMPLE Datasheet HTML 18Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
ISL72028SEH
FN8764 Rev 3.00
Page 14 of 18
August 16, 2016
FIGURE 38. RECEIVER PROPAGATION DELAY AND SKEW vs
TEMPERATURE
FIGURE 39. RECEIVER RISE AND FALL TIMES vs TEMPERATURE
FIGURE 40. SUPPLY CURRENT vs SUPPLY VOLTAGE vs
TEMPERATURE
FIGURE 41. FAST DRIVER AND RECEIVER WAVEFORMS
FIGURE 42. MEDIUM DRIVER AND RECEIVER WAVEFORMS
FIGURE 43. SLOW DRIVER AND RECEIVER WAVEFORMS
Typical Performance Curves C
L = 15pF, TA = +25°C; unless otherwise specified. (Continued)
0
10
20
30
40
50
60
70
80
-55
-35
-15
5
25
45
65
85
105
125
TEMPERATURE (°C)
L TO H, VCC = 3.6V
L TO H, VCC = 3V
H TO L, VCC = 3.6V
H TO L, VCC = 3V
SKEW, VCC = 3.6V
SKEW, VCC = 3V
1.0
1.5
2.0
2.5
3.0
3.5
-55
-35
-15
5
25
45
65
85
105
125
TEMPERATURE (°C)
RISE, VCC = 3V
RISE, VCC = 3.6V
FALL, VCC = 3V
FALL, VCC = 3.6V
0
10
20
30
40
50
60
70
0
123
4
5
6
VCC (V)
+125 °C
-55 °C
+25 °C
0
4
0
TIME (1µs/DIV)
4
0
1
2
3
RS = GND, RDIFF = 60Ω
CANH - CANL
R
D
0
4
0
TIME (1µs/DIV)
4
0
1
2
3
RS = 10kΩ, RDIFF = 60Ω
CANH - CANL
R
D
0
4
0
TIME (1µs/DIV)
4
0
1
2
3
RS = 50kΩ, RDIFF = 60Ω
CANH - CANL
R
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com