Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TISP6NTP2CD Datasheet(PDF) 8 Page - Bourns Electronic Solutions

Part # TISP6NTP2CD
Description  High Voltage Ringing SLIC Protector
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

TISP6NTP2CD Datasheet(HTML) 8 Page - Bourns Electronic Solutions

  TISP6NTP2CD Datasheet HTML 1Page - Bourns Electronic Solutions TISP6NTP2CD Datasheet HTML 2Page - Bourns Electronic Solutions TISP6NTP2CD Datasheet HTML 3Page - Bourns Electronic Solutions TISP6NTP2CD Datasheet HTML 4Page - Bourns Electronic Solutions TISP6NTP2CD Datasheet HTML 5Page - Bourns Electronic Solutions TISP6NTP2CD Datasheet HTML 6Page - Bourns Electronic Solutions TISP6NTP2CD Datasheet HTML 7Page - Bourns Electronic Solutions TISP6NTP2CD Datasheet HTML 8Page - Bourns Electronic Solutions TISP6NTP2CD Datasheet HTML 9Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
MARCH 2002 – REVISED FEBRUARY 2005
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
MECHANICAL DATA
TISP6NTP2C High Voltage Ringing SLIC Protector
D008 Plastic Small-Outline Package
This small-outline package consists of a circuit mounted on a lead frame and encapsulated within a plastic compound. The compound will
withstand soldering temperature with no deformation, and circuit performance characteristics will remain stable when operated in high
humidity conditions. Leads require no additional cleaning or processing when used in soldered assembly.
NOTES: A. Leads are within 0.25 (0.010) radius of true position at maximum material condition.
B. Body dimensions do not include mold flash or protrusion.
C. Mold flash or protrusion shall not exceed 0.15 (0.006).
D. Lead tips to be planar within ±0.051 (0.002).
D008
8
765
4
3
2
1
8-pin Small Outline Microelectronic Standard
Package MS-012, JEDEC Publication 95
MDXXAAF
INDEX
4.80 - 5.00
(0.189 - 0.197)
5.80 - 6.20
(0.228 - 0.244)
3.81 - 4.00
(0.150 - 0.157)
1.35 - 1.75
(0.053 - 0.069)
0.102 - 0.203
(0.004 - 0.008)
0.28 - 0.79
(0.011 - 0.031)
0.51 - 1.12
(0.020 - 0.044)
4.60 - 5.21
(0.181 - 0.205)
0.36 - 0.51
(0.014 - 0.020)
0.25 - 0.50
(0.010 - 0.020)
0.190 - 0.229
(0.0075 - 0.0090)
Pin Spacing
1.27
(0.050)
(see Note A)
6 places
x 45 ° N0M
8 Places
7 ° NOM
4 Places
7 ° NOM
3 Places
4 ° ± 4 °
DIMENSIONS ARE:
MILLIMETERS
(INCHES)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com