Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NXH300B100H4Q2F2SG-R Datasheet(PDF) 2 Page - ON Semiconductor

Part # NXH300B100H4Q2F2SG-R
Description  Q2BOOST Module
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NXH300B100H4Q2F2SG-R Datasheet(HTML) 2 Page - ON Semiconductor

  NXH300B100H4Q2F2SG-R Datasheet HTML 1Page - ON Semiconductor NXH300B100H4Q2F2SG-R Datasheet HTML 2Page - ON Semiconductor NXH300B100H4Q2F2SG-R Datasheet HTML 3Page - ON Semiconductor NXH300B100H4Q2F2SG-R Datasheet HTML 4Page - ON Semiconductor NXH300B100H4Q2F2SG-R Datasheet HTML 5Page - ON Semiconductor NXH300B100H4Q2F2SG-R Datasheet HTML 6Page - ON Semiconductor NXH300B100H4Q2F2SG-R Datasheet HTML 7Page - ON Semiconductor NXH300B100H4Q2F2SG-R Datasheet HTML 8Page - ON Semiconductor NXH300B100H4Q2F2SG-R Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
NXH300B100H4Q2F2, NXH300B100H4Q2F2SG−R
www.onsemi.com
2
ABSOLUTE MAXIMUM RATINGS (Note 1) (TJ = 25°C unless otherwise noted)
Symbol
Parameter
Value
Unit
IGBT (T11, T21, T12, T22, T13, T23)
VCES
Collector−Emitter voltage
1000
V
VGE
Gate−Emitter Voltage
Positive transient gate−emitter voltage (Tpulse = 5 ms, D < 0.10)
±20
30
V
IC
Continuous Collector Current (@ VGE = 20 V, TC = 80°C)
73
A
IC(Pulse)
Pulsed Peak Collector Current @ TC = 80°C (TJ = 150°C)
219
A
Ptot
Power Dissipation (TJ = 150°C, TC = 80°C)
194
W
TJMIN
Minimum Operating Junction Temperature
−40
°C
TJMAX
Maximum Operating Junction Temperature
175
°C
IGBT INVERSE DIODE (D11, D21, D12, D22, D13, D23) AND BYPASS DIODE (D51, D61, D52, D62, D53, D63)
VRRM
Peak Repetitive Reverse Voltage
1600
V
IF
Continuous Forward Current @ TC = 80°C
36
A
IFRM
Repetitive Peak Forward Current (TJ = 150°C, TJ limited by TJmax)
108
A
Ptot
Maximum Power Dissipation @ TC = 80°C (TJ = 150°C)
79
W
TJMIN
Minimum Operating Junction Temperature
−40
°C
TJMAX
Maximum Operating Junction Temperature
150
°C
BOOST SILICON CARBIDE SCHOTTKY DIODE (D31, D41, D32, D42, D33, D43)
VRRM
Peak Repetitive Reverse Voltage
1200
V
IF
Continuous Forward Current @ TC = 80°C
36
A
IFRM
Repetitive Peak Forward Current (TJ = 150°C, TJ limited by TJmax)
108
A
Ptot
Maximum Power Dissipation @ TC = 80°C (TJ = 150°C)
104
W
TJMIN
Minimum Operating Junction Temperature
−40
°C
TJMAX
Maximum Operating Junction Temperature
175
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. Refer to ELECTRICAL CHARACTERISTICS, RECOMMENDED OPERATING RANGES and/or APPLICATION INFORMATION for Safe
Operating parameters.
THERMAL AND INSULATION PROPERTIES (Note 1) (TJ = 25°C unless otherwise noted)
Symbol
Rating
Value
Unit
THERMAL PROPERTIES
TVJOP
Operating Temperature under Switching Condition
−40 to 150
°C
Tstg
Storage Temperature Range
−40 to 125
°C
INSULATION PROPERTIES
Vis
Isolation Test Voltage, t = 2 sec, 50 Hz (Note 3)
4000
VRMS
Creepage Distance
12.7
mm
CTI
Comparative Tracking Index
>600
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
2. Refer to ELECTRICAL CHARACTERISTICS, RECOMMENDED OPERATING RANGES and/or APPLICATION INFORMATION for Safe
Operating parameters.
3. 4000 VACRMS for 1 second duration is equivalent to 3333 VACRMS for 1 minute duration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com