Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

8632ZGD2 Datasheet(PDF) 3 Page - ITT Industries

Part # 8632ZGD2
Description  Microminiature Pushbutton Switches
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

8632ZGD2 Datasheet(HTML) 3 Page - ITT Industries

  8632ZGD2 Datasheet HTML 1Page - ITT Industries 8632ZGD2 Datasheet HTML 2Page - ITT Industries 8632ZGD2 Datasheet HTML 3Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
A–71
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ittcannon.com
Third Angle
Projection
C&K 8600 Series
Microminiature Pushbutton Switches
CONTACT MATERIAL
SEAL
PLUNGER COLOR
AVAILABLE HARDWARE
.187
(4,75)
.081
(2,03)
.245 DIA.
(6,22 )
NOTE: Other cap colors available, consult Customer Service Center.
E
EPOXY SEAL
D
NO EPOXY SEAL
Not available on 8631, 8632 models.
Standard on 8633 model only.
Not available on 8633 model.
Standard on 8631, 8632 models.
Cap
PART NO.
785101000
WHITE
785102000
BLACK
785103000
RED
Material: Nylon
Finish: Gloss
2
BLACK
3
RED
COLOR
OPTION
CODE
* Note: See Technical Data section of this catalog for RoHS compliant and compatible definitions and specifications.
1 CONTACTS & TERMINALS: Copper alloy, with gold plate over nickel plate.
2 CONTACTS: Coin silver, with gold plate over nickel plate.
3 TERMINALS: Copper alloy, with gold plate over nickel plate.
8633 model only: Coin silver, with gold plate over nickel plate.
4 CONTACTS: Coin silver, silver plated.
5 TERMINALS: Copper alloy, silver plated. 8633 model only: coin silver.
NOTE: Any models supplied with Q, B or G contact material are RoHS compliant. For the
latest information regarding RoHS compliance, please go to: www.ittcannon.com/rohs.
8631, 8632 models
with all options when ordered with G or Q contact material.
Q contact material standard with C, Z terminations.
A
OPTION
CODE
B
Q
G
CONTACT
MATERIAL
GOLD 1
SILVER 4
GOLD OVER
SILVER 4
GOLD 1
SILVER 5
GOLD 3
LOW LEVEL/
DRY CIRCUIT
POWER
YES
YES
YES
YES
YES
YES
LOW LEVEL/DRY
CIRCUIT OR POWER
0.4 VA MAX. @ 20 V AC OR DC MAX.
8631, 8632 MODELS: 500 mA @ 120 V AC OR 28 V DC;
250 mA @ 250 V AC. 8633 MODELS: 250 mA @ 120 V AC OR
28 V DC; 125 mA @ 250 V AC.
0.4 VA MAX @ 20 V AC OR DC MAX. OR 8631, 8632 MODELS:
500 mA @ 120 V AC OR 28 V DC; 250 mA @ 250 V AC. 8633
MODELS: 250 mA @ 120 V AC OR 28 V DC; 125 mA @ 250 V AC.
TERMINAL
PLATING
RATINGS
RoHS
COMPLIANT *
RoHS
COMPATIBLE *



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com