Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

8632ZGD2 Datasheet(PDF) 1 Page - ITT Industries

Part # 8632ZGD2
Description  Microminiature Pushbutton Switches
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

8632ZGD2 Datasheet(HTML) 1 Page - ITT Industries

  8632ZGD2 Datasheet HTML 1Page - ITT Industries 8632ZGD2 Datasheet HTML 2Page - ITT Industries 8632ZGD2 Datasheet HTML 3Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
A–69
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ittcannon.com
A
C&K 8600 Series
Microminiature Pushbutton Switches
Features/Benefits
• Available with overtravel
• Normally closed models available
• Microminiature size ideal for
applications where space is limited
• RoHS compliant
Typical Applications
• Detection
• Telecommunications and
networking equipment
• Computers and peripherals
Specifications
CONTACT RATING: Q contact material (8631, 8632 Models):
500 mA @ 120 V AC or 28 V DC; 250 mA @ 250 V AC;
(8633 Model): 250 mA @ 120 V AC or 28 V DC; 125 mA
@ 250 V AC. See page A-71 for additional ratings.
ELECTRICAL LIFE:
8631 and 8633 MODELS: 250,000 actuations at full load.
8632 MODEL: 100,000 actuations at full load.
CONTACT RESISTANCE: Below 30 m
Ω typ. initial @
2-4 V DC, 100 mA, for both silver and gold plated contacts.
INSULATION RESISTANCE: 109
Ω min.
DIELECTRIC STRENGTH: 500 Vrms min. @ sea level.
OPERATING TEMPERATURE: –30ºC to 65ºC.
SOLDERABILITY: Per MIL-STD-202F method 208D, or
EIA RS-186E method 9.
Materials
CASE: Glass filled phenolic or diallyl phthalate (DAP), (UL94V-0).
PLUNGER: Glass filled nylon (UL94V-0), black standard.
BUSHING: Brass, nickel plated.
CONTACTS: Q contact material: Coin silver, silver plated.
See page A-71 for additional contact materials.
TERMINALS:
8631, 8632 MODELS: Copper alloy, silver plated.
8633 MODEL: Q contact material: Coin silver.
See page A-71 for additional contact materials.
TERMINAL SEAL:
8633 MODEL: Epoxy.
8631, 8632 MODELS: Terminals insert molded.
HARDWARE: Nut: Brass, nickel plated.
NOTE: Any models supplied with Q, B or G contact material are RoHS compliant. For the
latest information regarding RoHS compliance, please go to: www.ittcannon.com/rohs.
NOTE: Specifications and materials listed above are for switches with standard options.
For information on specific and custom switches, consult Customer Service Center.
Build-A-Switch
To order, simply select desired option from each category and place in the appropriate box. Available options are shown
and described on pages A-70 and A-71. For additional options not shown in catalog, consult Customer Service Center.
Switch Function
8631 SPST Off-Mom.
8632 SPST Off-Mom.
8633 SPST On-Mom.
Contact Material
B Gold
Q Silver
G Gold over silver
Seal
D No epoxy
E Epoxy
Plunger Color
2 Black
3 Red
Models Available
Termination
Z Solder lug
C PC Thru-hole


Similar Part No. - 8632ZGD2

ManufacturerPart #DatasheetDescription
logo
C&K Components
8632ZG-D-2 CK-COMPONENTS-8632ZG-D-2 Datasheet
305Kb / 3P
Microminiature Pushbutton Switches
2018
8632ZG-D3 CK-COMPONENTS-8632ZG-D3 Datasheet
305Kb / 3P
Microminiature Pushbutton Switches
2018
8632ZGE-2 CK-COMPONENTS-8632ZGE-2 Datasheet
305Kb / 3P
Microminiature Pushbutton Switches
2018
8632ZGE3 CK-COMPONENTS-8632ZGE3 Datasheet
305Kb / 3P
Microminiature Pushbutton Switches
2018
More results

Similar Description - 8632ZGD2

ManufacturerPart #DatasheetDescription
logo
C&K Components
8600 CK-COMPONENTS-8600 Datasheet
183Kb / 3P
Microminiature Pushbutton Switches
SRKLBKEE CK-COMPONENTS-SRKLBKEE Datasheet
203Kb / 3P
Microminiature SPDT, Key Switches
logo
List of Unclassifed Man...
R13-502MA ETC2-R13-502MA Datasheet
107Kb / 4P
Pushbutton Switches
MHSS1104 ETC2-MHSS1104 Datasheet
65Kb / 1P
Microminiature Slide Switches
MHSS1104 ETC2-MHSS1104 Datasheet
65Kb / 1P
Microminiature Slide Switches
MJS12 ETC2-MJS12 Datasheet
130Kb / 2P
Microminiature Slide Switches
MMS22R ETC2-MMS22R Datasheet
149Kb / 2P
Microminiature Slide Switches
logo
Copal Electronics
MSP COPAL-MSP Datasheet
607Kb / 1P
Pushbutton Switches
logo
C&K Components
8600 CK-COMPONENTS-8600_V01 Datasheet
305Kb / 3P
Microminiature Pushbutton Switches
2018
DIGITAST CK-COMPONENTS-DIGITAST Datasheet
311Kb / 3P
Microminiature SPDT, Key Switches
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com