Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP3972 Datasheet(PDF) 48 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP3972
Description  Power Management Unit for Advanced Application Processors
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3972 Datasheet(HTML) 48 Page - National Semiconductor (TI)

Back Button LP3972 Datasheet HTML 44Page - National Semiconductor (TI) LP3972 Datasheet HTML 45Page - National Semiconductor (TI) LP3972 Datasheet HTML 46Page - National Semiconductor (TI) LP3972 Datasheet HTML 47Page - National Semiconductor (TI) LP3972 Datasheet HTML 48Page - National Semiconductor (TI) LP3972 Datasheet HTML 49Page - National Semiconductor (TI) LP3972 Datasheet HTML 50Page - National Semiconductor (TI) LP3972 Datasheet HTML 51Page - National Semiconductor (TI) LP3972 Datasheet HTML 52Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 59 page
background image
LP3972 Controls
DIGITAL INTERFACE CONTROL SIGNALS
Signal
Definition
Active State
Signal Direction
SYS_EN
High Voltage Power Enable
High
Input
PWR_EN
Low Voltage Power Enable
High
Input
SCL
Serial Bus Clock Line
Clock
Input
SDA
Serial Bus Data Line
Bidirectional
nRSTI
Forces an unconditional hardware reset
Low
Input
nRSTO
Forces an unconditional hardware reset
Low
Output
nBATT_FLT
Main Battery removed or discharged indicator
Low
Output
PWR_ON
Wakeup Input to CPU
High
Input
nTEST_JIG
Wakeup Input to CPU
Low
Input
SPARE
Wakeup Input to CPU
High
Input
EXT_WAKEUP
Wake-Up Output for application processor
High
Output
GPIO1 / nCHG_EN
General Purpose I/O /External Back-up Battery Charger enable
Bidirectional /Input
GPIO2
General Purpose I/O
Bidirectional
POWER DOMAIN ENABLES
PMU Output
HW Enable
SW Enable
LDO_RTC
LDO1(V
CC_MVT)
SYS_EN
LDO1_EN
LDO2
SYS_EN
LDO2_EN
LDO3
SYS_EN
LDO3_EN
LDO4
SYS_EN
LDO4_EN
LDO5 (V
CC_SRAM)
PWR_EN
S_EN
Buck1 (V
CC_APPS)
PWR_EN
A_EN
BUCK2
SYS_EN
B2_EN
BUCK3
SYS_EN
B3_EN
POWER DOMAINS SEQUENCING (DELAY)
By default SYS_EN must be on to have PWR_EN enable but
this feature can be switched off by register bit BP_SYS.
By default SYS_EN enables LDO1 always first and after a
typical of 1 ms delay others. Also when SYS_EN is set off the
LDO1 will go off last. This function can be switched off or
delay can be changed by DELAY bits via serial interface as
seen on table below.
8h’80 Bit 5:4
DELAY bits
‘00’
‘01’
‘10’
‘11’
Delay, ms
0
0.5
1.0
1.5
LDO_RTC TRACKING (nIO_TRACK)
LP3972 has a tracking function (nIO_TRACK). When en-
abled, LDO_RTC voltage will track LDO3 voltage within 200
mV down to 2.8V when LDO3 is enabled. This function can
be switched on/off by nIO_TRACK register bit BPTR.
POWER SUPPLY ENABLE
SYS_EN and PWR_EN can be changed by programmable
register bits.
www.national.com
48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com