Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SP8036 Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP8036
Description  APC Amplifier with Integrated Photodiode and Gain Adjust Capability
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP8036 Datasheet(HTML) 1 Page - Sipex Corporation

  SP8036 Datasheet HTML 1Page - Sipex Corporation SP8036 Datasheet HTML 2Page - Sipex Corporation SP8036 Datasheet HTML 3Page - Sipex Corporation SP8036 Datasheet HTML 4Page - Sipex Corporation SP8036 Datasheet HTML 5Page - Sipex Corporation SP8036 Datasheet HTML 6Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Rev 0.8 (09/25/06)
SP8036 APC Amplifier
2006 Sipex Corporation
page
1 of 6
1
2
3
4
8
7
6
5
Vref
Rgain1
Rgain2
CE
SP8036
8-Pin
OPLGA
Vcc
Gain
Vout
Gnd
__
FEATURES
•
Dual wavelength 650nm and 780nm
•
13 ns Settling Time to 2%
•
100 MHz Bandwidth at -3dB
•
10 mV Output Offset Voltage
•
25 µV/
oC Output Offset Voltage Drift
•
± 6 dB External Gain Adjust
•
Small 8-pin OPLGA package
•
Power-down mode
APPLICATIONS
CD-R, and CD-RW
DVD+/-R, DVD+/-RW, and DVD-
RAM
GENERAL DESCRIPTION
The SP8036 represents the next generation in Automatic Power Control (APC) amplifiers designed
specifically for demanding pick-up head applications. With its integrated photo detector, the SP8036 monitors
light intensity of the laser diode in CD-R, CD-RW, DVD+/-R, DVD+/-RW, and DVD-RAM assemblies and
converts this light to an output voltage. The magnitude of this voltage signal corresponds to the laser power
intensity and is subsequently fed back to the laser diode driver to control the laser output power.
The SP8036 on-chip photo detector transforms incident laser light into a proportional current, which is then
converted to a voltage through a transimpedance amplifier. Adjustable gain is provided in the transimpedance
amplifier by means of a gain control loop that is controlled by an external resistor. This external resistor is not
a part of the signal path, which greatly reduces the effects of all parasitic capacitances and inductances on
the flex cable at these pins. The signal is then buffered to provide reactive load drive capability.
The SP8036 achieves an unparalleled level of performance by combining excellent DC stability and low noise
with outstanding AC performance. This level of performance is achieved using a proprietary fully
complimentary BICMOS process with fully integrated, on-board photo detector.
The SP8036 is offered with a nominal sensitivity 4450 V/W and is packaged in a 3.0 x 3.5 mm, 8-lead
OPLGA package. All input logic levels should not be left open at any time.
The SP8036 offers power-down capability with the new active-low chip enable pin, CE. The chip operates
normally when this pin is connected to GND and powers down when connected to Vcc.
Solved by
TM
SP8036
APC Amplifier with Integrated Photodiode
and Gain Adjust Capability


Similar Part No. - SP8036

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP8034A SIPEX-SP8034A Datasheet
68Kb / 6P
250 V/us APC Amplifier with Integrated Photodiode and Gain Adjust Capability
More results

Similar Description - SP8036

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPT301 BURR-BROWN-OPT301 Datasheet
163Kb / 11P
INTEGRATED PHOTODIODE AND AMPLIFIER
logo
Sipex Corporation
SP8024 SIPEX-SP8024 Datasheet
93Kb / 8P
200V/us Integrated APC Amplifier with Gain Adjust & Differential Output
SP8034A SIPEX-SP8034A Datasheet
68Kb / 6P
250 V/us APC Amplifier with Integrated Photodiode and Gain Adjust Capability
logo
Burr-Brown (TI)
OPT201 BURR-BROWN-OPT201 Datasheet
213Kb / 11P
INTEGRATED PHOTODIODE AND AMPLIFIER
logo
New Japan Radio
NJM41035 NJRC-NJM41035 Datasheet
71Kb / 4P
LOW VOLTAGE GAIN ADJUST SINGLE ISOLATION AMPLIFIER WITH LPF
logo
Analog Devices
ADN3000-06 AD-ADN3000-06 Datasheet
68Kb / 2P
6.144 Gbps Transimpedance Amplifier with Integrated Photodiode
Rev. Sp0
logo
Texas Instruments
VCA810 TI1-VCA810_12 Datasheet
934Kb / 30P
High Gain Adjust Range, Wideband, VARIABLE GAIN AMPLIFIER
logo
Analog Devices
ADN3000-06-50A-P2 AD-ADN3000-06-50A-P2 Datasheet
68Kb / 2P
6.144 Gbps Transimpedance Amplifier with Integrated Photodiode
Rev. Sp0
logo
Texas Instruments
VCA810 TI1-VCA810_16 Datasheet
1Mb / 40P
VCA810 High Gain Adjust Range, Wideband and Variable Gain Amplifier
logo
Roithner LaserTechnik G...
IQ800L ROITHNER-IQ800L Datasheet
180Kb / 3P
Si ??photodiode with integrated transimpedance amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com