Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SP8036 Datasheet(PDF) 3 Page - Sipex Corporation

Part # SP8036
Description  APC Amplifier with Integrated Photodiode and Gain Adjust Capability
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP8036 Datasheet(HTML) 3 Page - Sipex Corporation

  SP8036 Datasheet HTML 1Page - Sipex Corporation SP8036 Datasheet HTML 2Page - Sipex Corporation SP8036 Datasheet HTML 3Page - Sipex Corporation SP8036 Datasheet HTML 4Page - Sipex Corporation SP8036 Datasheet HTML 5Page - Sipex Corporation SP8036 Datasheet HTML 6Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Rev 0.8 (09/25/06)
SP8036 APC Amplifier
2006 Sipex Corporation
page
3 of 6
ELECTRICAL/OPTICAL SPECIFICATIONS
Unless otherwise noted: 4.5V ≤ Vcc ≤ 5.5V, VREF =2.1V, output load: RL = 1kΏ to VREF, CL = 20pF to GND, RGAIN =
400ohm, ambient temperature -20
oC ≤TA ≤ +85oC
Parameter
Conditions
Min
Typ
Max
Units
Supply Voltage
4.5
5
5.5
V
TA = 25
oC, no signal
13
18
Supply Current
-20 ≤TA ≤ +85
oC, no signal
25
mA
Voltage Reference Range
RGAIN = 400ohm
1.9
2.1
2.3
V
Output Offset Voltage
Referenced to VREF
-10
10
mV
RGAIN = 400ohm
-25
25
Output Offset Voltage Drift
RGAIN = 950ohm
-50
50
µ
V/
oC
RGAIN = 400ohm, 4.5V ≤ Vcc ≤ 5.5V
55
73
Power Supply Rejection Ratio
(PSRR) *
RGAIN = 950ohm, 4.5V ≤ Vcc ≤ 5.5V
50
75
dB
Logic level low
0.8
Gain Switch Logic Levels
Logic level high
2.4
V
Output Sensitivity
Any Select Mode.
Laser Beam Diameter = 0.70mm,
uniform density (RGAIN = 400ohm)
4450
V/W
Input Optical Power required to
produce a 1.5V output swing
Any Select Mode
RGAIN = 400ohm
0.34
mW
Photo Detector Active Area
0.25
mm
2
Output Sensitivity Change vs. Vcc
RGAIN = 950ohm
5
%/V
Output Sensitivity Change vs.
Temperature
RGAIN = 950ohm
0.1
%/
oC
1kHz ≤ BW ≤ 1MHz
0.14
2
Output Noise (+6 dB)
1kHz ≤ BW ≤ 100MHz
1.28
5
mV
Output Slew Rate
190
V/µs
-6dB
12.6
15
0dB
13.1
15
Output Settling Time to 2% of
finale value (1.5V step)
+6dB
14.0
15
ns
Full Scale Output Voltage Swing
Referenced to VREF
-1.5
-1.7
Vp-p
Output Overshoot
VOUT=1.5V step
5
%
Bandwidth (-3dB)
RGAIN = 400ohm
70
100
MHz
Vcc = 5.0V
150ohm≤RGAIN≤950ohm
-6
+6
Gain Adjust
Range at
Vcc = 4.5V
250ohm≤RGAIN≤950ohm
-3
+6
dB
* PSRR = 20log (∆Vcc/∆VOUT), where VOUT is the output voltage without signal (offset voltage)
PIN ASSIGNMENTS
Pin #
Pin Name
Pin Function
1
Vref
Reference Voltage
2
Rgain1
Gain Adjust Resistor RGAIN1 connection point
3
Rgain2
Gain Adjust Resistor RGAIN2 connection point
4
CE
Active low Chip enable
5
GND
Power Ground
6
Vout
Output Voltage
7
Gain
Gain Switch Input. Low level or Open selects pin RGAIN1, high level selects pin RGAIN2
8
Vcc
Supply Voltage. Bypass to GND with ceramic capacitor 0.1µF



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com