Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TW2837 Datasheet(PDF) 57 Page - Renesas Technology Corp

Part # TW2837
Description  4-Channel Video and Audio Controller for Security Applications
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

TW2837 Datasheet(HTML) 57 Page - Renesas Technology Corp

Back Button TW2837 Datasheet HTML 53Page - Renesas Technology Corp TW2837 Datasheet HTML 54Page - Renesas Technology Corp TW2837 Datasheet HTML 55Page - Renesas Technology Corp TW2837 Datasheet HTML 56Page - Renesas Technology Corp TW2837 Datasheet HTML 57Page - Renesas Technology Corp TW2837 Datasheet HTML 58Page - Renesas Technology Corp TW2837 Datasheet HTML 59Page - Renesas Technology Corp TW2837 Datasheet HTML 60Page - Renesas Technology Corp TW2837 Datasheet HTML 61Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 232 page
background image
TW2837
FN7742 Rev. 1.00
Page 57 of 232
August 28, 2012
Normal Record Mode
Each channel position and size can be defined using its own PIC_SIZE (1x6C), and PIC_POS (1x6D) register. The
channel size is defined via the PIC_SIZE register such as “0” for horizontal and vertical half size (QUAD), “1” for
horizontal full size and vertical half size, “2” for horizontal half size and vertical full size, and “3” for horizontal and
vertical full size. The channel position is defined via the PIC_POS register such as “0” for no horizontal and vertical
offset, “1” for only horizontal half offset, “2” for only vertical half offset, and “3” for horizontal and vertical half offset.
The channel size and location should be defined within the full picture size. (i.e. PIC_SIZE = “3” & PIC_POS = “2” is not
allowed)
The horizontal full size of picture is controlled via the SIZE_MODE (1x51) register such as “0” for 720 pixels, “1” for
702 pixels, and “2” for 640 pixels. Likewise, the vertical full size is selected by the SYS5060 (1x00) register such as
“0” for 240 lines and “1” for 288 lines.
If more than 2 channels have same region, there will be a conflict of what to display for that area. Generally the
TW2837 defines that the channel 0 has priority over channel 3. So if a conflict happens between more than 2
channels, the channel 0 will be displayed first as top layer and then the channel 1, 2 and 3 are hidden beneath. The
TW2837 also provides a channel pop-up attribute via the POP_UP (1x60, 1x63, 1x66, and 1x69) register to give
priority for another display. If a channel has pop-up attribute, it will be displayed as top layer. The following Figure 38
shows the example of the channel position and size control in normal record mode.
Horizontal Direction (H)
PIC_SIZE = 0
PIC_POS = 1
PIC_SIZE = 0
PIC_POS = 3
PIC_SIZE = 0
PIC_POS = 2
PIC_SIZE = 0
PIC_POS = 0
CH 0
CH 1
CH 3
CH 2
FIGURE 38 THE CHANNEL POSITION AND SIZE CONTROL IN NORMAL RECORD MODE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com