Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TW2837 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # TW2837
Description  4-Channel Video and Audio Controller for Security Applications
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

TW2837 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button TW2837 Datasheet HTML 7Page - Renesas Technology Corp TW2837 Datasheet HTML 8Page - Renesas Technology Corp TW2837 Datasheet HTML 9Page - Renesas Technology Corp TW2837 Datasheet HTML 10Page - Renesas Technology Corp TW2837 Datasheet HTML 11Page - Renesas Technology Corp TW2837 Datasheet HTML 12Page - Renesas Technology Corp TW2837 Datasheet HTML 13Page - Renesas Technology Corp TW2837 Datasheet HTML 14Page - Renesas Technology Corp TW2837 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 232 page
background image
TW2837
FN7742 Rev. 1.00
Page 11 of 232
August 28, 2012
System Control Pins
NAME
NUMBER
TYPE
DESCRIPTION
QFP
LBGA
TEST
164
D12
I
Only for the test purpose.
Must be connected to VSSO.
RSTB
73
P7
I
System reset. Active low.
IRQ
72
R7
O
Interrupt request signal.
HDAT[7:0]
62,63,
65,66,
67,68,
69,71
T5,R5,
P5,N5,
T6,R6,
P6,N6
I/O
Data bus for parallel interface.
HDAT[7] is serial data for serial interface.
HDAT[6:1] is slave address[6:1] for serial interface.
HWRB
61
P4
I
Write enable for parallel interface.
VSSO for serial interface.
HRDB
60
R4
I
Read enable for parallel interface.
VSSO for serial interface.
HALE
59
P3
I
Address line enable for parallel interface.
Serial clock for serial interface.
HCSB1
57
R3
I
Chip select 1 for parallel interface.
VSSO for serial interface.
HCSB0
56
T3
I
Chip select 0 for parallel interface.
Slave address[0] for serial interface.
HSPB
55
T2
I
Select serial/parallel host interface.
CLK54I
74
T8
I
54MHz system clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com