Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS19208CBI Datasheet(PDF) 3 Page - Applied Micro Circuits Corporation

Part # CS19208CBI
Description  OC-192/48/12/3 DW/FEC/PM and ASYNC Mapper Device
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS19208CBI Datasheet(HTML) 3 Page - Applied Micro Circuits Corporation

  CS19208CBI Datasheet HTML 1Page - Applied Micro Circuits Corporation CS19208CBI Datasheet HTML 2Page - Applied Micro Circuits Corporation CS19208CBI Datasheet HTML 3Page - Applied Micro Circuits Corporation CS19208CBI Datasheet HTML 4Page - Applied Micro Circuits Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Product Brief
Niagara
OC-192/48/12/3 DW/FEC/PM and ASYNC Mapper Device
Part Number S19208CBI, Revision 1.4, Jan 2003
Confidential and Proprietary
Empowering Intelligent Optical Networks
3
LEGACY COMPATIBILITY
As indicated above, the Niagara also supports operation in the
G.975 mode. In this mode, the G.709 overhead processing can
be inhibited and direct access to the non-framing bytes in the
overhead column is provided through the pins on the device.
The device should be configured to operate in the 255,238
mapping mode with no stuff columns inserted in the FEC pay-
load.
CONTROL INTERFACE
A general purpose 16-bit microprocessor interface is provided
for control and monitoring. The interface supports both Intel
and Motorola type microprocessors, and is capable of operat-
ing in either interrupt-driven or polled-mode configurations.
APPLICATION DIAGRAMS
Figure 2: OC-192/STM64 to OTU-2 Edge Transponder
Figure 2 shows the Niagara in an edge transponder applica-
tion. An AMCC S19211 CMOS SerDes device provides the
interface to the client-side optics. On the network side, the
AMCC S3193 and S3094 are used to provide a high-perfor-
mance interface to the network-side optics. This diagram is
also the diagram for a mid-span transponder for either a stan-
dard FEC to standard FEC network or a standard FEC to
enhanced FEC network. In either of these mid-span transpon-
der applications, the client rate would increase from the stan-
dard SONET rate to the 7% overhead rate.
Figure 2: OC-192/STM64 to OTU-2 Edge Transponder
S19211
RXTX
S3094
DMUX
TOH
ADD/DROP
ODU-2 OH
ADD/DROP
NETWORK SIDE
CLIENT SIDE
FEC Encoded Data
10.7 GBit/sec
OC-192/STM-64
S19208
NIAGARA
S3193
MUX
or G.709 OTU-2
S19211
RXTX
S3094
DMUX
TOH
ADD/DROP
ODU-2 OH
ADD/DROP
NETWORK SIDE
CLIENT SIDE
FEC Encoded Data
10.7 GBit/sec
OC-192/STM-64
S19208
NIAGARA
S3193
MUX
or G.709 OTU-2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com