Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS19208CBI Datasheet(PDF) 4 Page - Applied Micro Circuits Corporation

Part # CS19208CBI
Description  OC-192/48/12/3 DW/FEC/PM and ASYNC Mapper Device
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS19208CBI Datasheet(HTML) 4 Page - Applied Micro Circuits Corporation

  CS19208CBI Datasheet HTML 1Page - Applied Micro Circuits Corporation CS19208CBI Datasheet HTML 2Page - Applied Micro Circuits Corporation CS19208CBI Datasheet HTML 3Page - Applied Micro Circuits Corporation CS19208CBI Datasheet HTML 4Page - Applied Micro Circuits Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
AMCC reserves the right to make changes to its products, or to discontinue any product or service without notice, and advises its customers to
obtain the latest version of relevant information to verify, before placing orders, that the information being relied upon is current.
AMCC is a registered trademark of Applied Micro Circuits Corporation. Copyright © 2002 Applied Micro Circuits Corporation. All Rights Reserved.
200 Minuteman Road • Andover, MA 01810 • Tel: 978-247-8000 • Fax: 978-623-0024 • http://
www.amcc.comnical support, please call 800 840-6055 or email productsupport@amcc.com
Product Brief
Niagara
OC-192/48/12/3 DW/FEC/PM and ASYNC Mapper Device
Part Number S19208CBI, Revision 1.4, Jan 2003
4
Empowering Intelligent Optical Networks
Confidential and Proprietary
Figure 3: OC-48/STM16 (and below) to OTU-1 Edge Tran-
sponder
Figure 3 shows the Niagara in an edge transponder applica-
tion. An AMCC S3474 CMOS Dual-SerDes with Continuous
mode operation provides the interface to the client side and
network side optics. In this application, the client half of the
S3474 will run down to FDDI rates (125 Mbps). The network
side of the S3474 will support the client rate plus 7% overhead
for a pure FEC application, or it will support an OTU-1 rate for
mapping into the Digital Wrapper frame.
Figure 3: OC-48/STM16 to OTU-1 Edge Transponder
S3475
Dual Continuous
Rate Transceiver
Client I/F
TOH
ADD/DROP
ODU-1 OH
ADD/DROP
S19208
NIAGARA
TX REF GEN
LO
OC48/12/3 (and SDH)
8B/10B Signals down
to FDDI (125Mb)
Network I/F



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com