Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BF556A Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BF556A
Description  N-channel silicon junction field-effect transistors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BF556A Datasheet(HTML) 5 Page - NXP Semiconductors

  BF556A Datasheet HTML 1Page - NXP Semiconductors BF556A Datasheet HTML 2Page - NXP Semiconductors BF556A Datasheet HTML 3Page - NXP Semiconductors BF556A Datasheet HTML 4Page - NXP Semiconductors BF556A Datasheet HTML 5Page - NXP Semiconductors BF556A Datasheet HTML 6Page - NXP Semiconductors BF556A Datasheet HTML 7Page - NXP Semiconductors BF556A Datasheet HTML 8Page - NXP Semiconductors BF556A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
1996 Jul 29
5
Philips Semiconductors
Product specification
N-channel silicon junction
field-effect transistors
BF556A; BF556B; BF556C
Fig.4
Common-source output conductance as a
function of gate-source cut-off voltage;
typical values.
VDS =15V.
handbook, halfpage
0
−2
−4
−8
100
0
80
MRC153
−6
60
40
20
Gos
(
µS)
VGSoff (V)
Fig.5
Drain-source on-state resistance as a
function of gate-source cut-off voltage;
typical values.
VDS = 100 mV; VGS =0.
handbook, halfpage
024
8
300
100
0
200
MRC155
6
RDSon
(
Ω)
VGSoff (V)
Fig.6 Typical output characteristics; BF556A.
handbook, halfpage
048
16
5
0
4
MRC145
12
3
2
1
VDS (V)
ID
(mA)
−0.5 V
−1 V
VGS = 0 V
Fig.7 Typical output characteristics; BF556B.
handbook, halfpage
0
4
8
12
16
16
12
4
0
8
MRC146
VDS (V)
ID
(mA)
VGS = 0 V
−2.0 V
−0.5 V
−2.5 V
−1.0 V
−1.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com