Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BF556A Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BF556A
Description  N-channel silicon junction field-effect transistors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BF556A Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button BF556A Datasheet HTML 2Page - NXP Semiconductors BF556A Datasheet HTML 3Page - NXP Semiconductors BF556A Datasheet HTML 4Page - NXP Semiconductors BF556A Datasheet HTML 5Page - NXP Semiconductors BF556A Datasheet HTML 6Page - NXP Semiconductors BF556A Datasheet HTML 7Page - NXP Semiconductors BF556A Datasheet HTML 8Page - NXP Semiconductors BF556A Datasheet HTML 9Page - NXP Semiconductors BF556A Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
1996 Jul 29
6
Philips Semiconductors
Product specification
N-channel silicon junction
field-effect transistors
BF556A; BF556B; BF556C
Fig.8 Typical output characteristics; BF556C.
handbook, halfpage
048
16
25
0
20
MRC147
12
15
10
5
VDS (V)
ID
(mA)
−1 V
−2 V
−3 V
−4 V
−5 V
VGS = 0 V
Fig.9 Typical input characteristics.
handbook, halfpage
−6
−4
−20
30
10
0
20
MRC148
VGS (V)
ID
(mA)
BF556C
BF556B
BF556A
VDS =15V.
Fig.10 Drain current as a function of gate-source
voltage; typical values.
handbook, halfpage
0
−8
−6
−4
−2
103
102
1
10
10−1
10−2
10−3
MRC149
ID
(
µA)
VGS (V)
BF556C
BF556B
BF556A
VDS =15V.
Fig.11 Gate current as a function of drain-gate
voltage; typical values.
handbook, halfpage
−102
−10−2
−10−1
−1
−10
20
12
48
0
MRC151
16
VDG (V)
IG
(pA)
ID = 10 mA
IGSS
1 mA
0.1 mA
ID = 10 mA only for BF556B and BF556C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com