Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RCC-HID-BATCHR-01R Datasheet(PDF) 2 Page - BCM Advanced Research.

Part # RCC-HID-BATCHR-01R
Description  23.8” Ultra Light Medical Cart Panel PC with Multi-touch Function
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCM [BCM Advanced Research.]
Direct Link  https://www.bcmcom.com/
Logo BCM - BCM Advanced Research.

RCC-HID-BATCHR-01R Datasheet(HTML) 2 Page - BCM Advanced Research.

  RCC-HID-BATCHR-01R Datasheet HTML 1Page - BCM Advanced Research. RCC-HID-BATCHR-01R Datasheet HTML 2Page - BCM Advanced Research.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
BCM Advanced Research
www.bcmcom.com
11 Chrysler, Irvine, CA 92618 USA
An industry leader in industrial motherboards &
embedded computing
BCMSales@bcmcom.com
(949) 470-1888
* All product specifications and images are subject to change without notice. Last update:
Ordering Info
HID-2334-730-A1R
23.8” Intel® Core™ i5-7300U Processor/8GB Memory/LED/NFC/
4USB3.0/SPK/24V medical adapter.
SSD/ Wifi/ Battery Not included.
ACC-HID-WIFI-02R
HID-2334 Wi-Fi Kit
ACC-BAT-4S2P-01R
Rechargeable Lithium Ion Battery,4S2P
RCC-HID-BATCHR-01R
4 Bay Charging Station w/120W Power Adapter
2020/11/30
Mechanical and Environment
Power Type
DC in +19V~24V
Operating Temp
0°C ~ 40°C (32°F ~ 104°F)
Storage Temp
-30°C ~ 70°C (-22°F ~ 158°F)
Operating
Humidity
0% ~ 90% Relative Humidity, Non-condensing
Weight
6.9 kg (without Batteries and Adapter)
Mounting Kit
Optional Mounting Kit (VESA 75 x 75, 100 x 100)
Dimension
23.3” x 15.04” x 1.95” (592 x 382 x 49.5mm)
IP Rating
Front IP65
Vibration Test
With SSD/mSATA : 1.5Grms, IEC 60068-2-64, Random, 5 ~
500Hz, 30min/axis
Shock Test
With CF/SSD : 10Grms, IEC 60068-2-27, Half Sine, 11ms
System Fan
Fanless
Construction -
Front / Rear
White Plastic / White Plastic
Finishing
Anti-Microbial
Fanless
Yes
Color
White
Mechanical and Environment
Power Connector Lockable DC Jack, +12V~+24V
Power Mode
AT/ATX (ATX is default setting)
Adapter
Medical Grade, 120W/24V
HID-2334 - 23.8” Ultra Light Medical Cart Panel PC
Service windows for
2.5 storage
replacement
Two hot swappable batteries
slots for real mobility
I/O cover for
cable arrangement
4 Slots Battery Charger



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com