Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RCC-HID-BATCHR-01R Datasheet(PDF) 1 Page - BCM Advanced Research.

Part # RCC-HID-BATCHR-01R
Description  23.8” Ultra Light Medical Cart Panel PC with Multi-touch Function
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCM [BCM Advanced Research.]
Direct Link  https://www.bcmcom.com/
Logo BCM - BCM Advanced Research.

RCC-HID-BATCHR-01R Datasheet(HTML) 1 Page - BCM Advanced Research.

  RCC-HID-BATCHR-01R Datasheet HTML 1Page - BCM Advanced Research. RCC-HID-BATCHR-01R Datasheet HTML 2Page - BCM Advanced Research.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
Specifications
Audio
Chipset
Realtek ALC892
Speaker Output
2 x 2W
Ethernet
Chipset
1 x Intel® I211AT, 1 x Intel® I219LM
Interface
10/100/1000 Base-Tx GbE compatible
LAN Port
2 x RJ-45
I/O
USB
4 x USB 3.0
SATA
1 x SATA III
HDMI
1 x HDMI
Display Port
1 x DP
Power Requirement
Power Connector Lockable DC Jack, +12V~+24V
Power Mode
AT/ATX (ATX is default setting)
Adapter
Medical grade
120W/24V
Certification Information
CE
IEC/EN60601-1-2
FCC
Part 15 Class B
UL60601-1
AAMI /ANSI ES60601-1:2005/(R)2012 and A1:2012,C1:2009/
(R)2012 and A2:2010/(R)2012
CB
IEC 60601-1/A1:2012 & EN 60601-1/A1:2013 (Ed 3.1)
EN 60601-1:2006+A11:2011+A1:2013+A12:2014
System
CPU
7th Generation Intel® Kaby Lake Core i5-7300U Processor
System Chipset
Integrated in Processor (SOC)
System Memory
2 x 260pin SODIMM socket up to 32GB Per Slot DDR4 2400
SDRAM
Wireless
Communication
Optional Wi-Fi 1T1R 802.11b/g/n/ac/ BT4.0
Watchdog Timer
H/W Reset, 1sec. ~ 65535sec. and 1sec./step
H/W Status
Monitor
Monitoring System Temperature & Voltage
Battery
Optional Smart Battery Pack
14.4V 6900mAh, 99.4Wh
Expansion
1 x M.2 E Key 2230
1 x mPCIe with SATA or PCIe x1 mSATA
Storage
1 x 2.5” Drive Bay
OS Information
Win10 64 bit/Linux
Panel
LCD Size
23.8”
Display Type
Full HD
Resolution
1920x1080
Pixel Pitch
274.5×274.5
Contrast Ratio
3000
Luminance
250 cd/m2
Viewing Angle
89(U), 89(D), 89(L), 89(R)
Response Time
16ms
Backlight
LED
Touch Type
Projective Capacitive
Touch Controller
EETI EXC84H5680
Data Collection
Camera
5.0M CMOS with Auto-focus
NFC
Built-in NFC RFID Module
• 23.8”FullHDPCAPMulti-touch
• 7thGenerationIntel®KabyLakeCorei5Processor
• LEDReadingLightBar
• OptionalBarcodeScanner
• OptionalBuilt-inPrivacyScreen
• Optional5.0MAuto-focusCamerawithcover
• Opitonal2x6900mAhHotSwappableBatteries
• Optional4SlotsChargingBay
• IP65FrontPanelProtection
23.8” Ultra Light Medical Cart Panel PC with
Multi-touch Function
HID-2334
Optional two hot swappable
batteries for real mobility
NFC Module
NFC Module


Similar Part No. - RCC-HID-BATCHR-01R

ManufacturerPart #DatasheetDescription
logo
Silicom Ltd.
RCC-DFF SILICOM-RCC-DFF Datasheet
684Kb / 2P
Intel짰 Atom C2000 x86 Network Board with 2 RJ45 GbE Ports
RCC-VE SILICOM-RCC-VE Datasheet
345Kb / 3P
Intel짰 Atom C2000 x86 Network Board with 4 or 6 RJ45 GbE Ports
More results

Similar Description - RCC-HID-BATCHR-01R

ManufacturerPart #DatasheetDescription
logo
Beckhoff Automation Gmb...
CP32XX BECKHOFF-CP32XX Datasheet
114Kb / 2P
Multi-touch Panel PC
CP32XX-0020 BECKHOFF-CP32XX-0020 Datasheet
147Kb / 5P
Multi-touch Panel PC
CP32XX-0030 BECKHOFF-CP32XX-0030 Datasheet
147Kb / 5P
Multi-touch Panel PC
CP32XX-1600 BECKHOFF-CP32XX-1600 Datasheet
261Kb / 2P
Multi-touch Panel PC
CP32XX-1600-0020 BECKHOFF-CP32XX-1600-0020 Datasheet
302Kb / 6P
Multi-touch Panel PC
CP37XX BECKHOFF-CP37XX Datasheet
121Kb / 2P
Multi-touch Panel PC
CP37XX-0020 BECKHOFF-CP37XX-0020 Datasheet
153Kb / 5P
Multi-touch Panel PC
CP37XX-1600-0020 BECKHOFF-CP37XX-1600-0020 Datasheet
157Kb / 5P
Multi-touch Panel PC
logo
BCM Advanced Research.
APC-2334 BCM-APC-2334 Datasheet
241Kb / 2P
23.8in Ultra Light Panel PC with Multi-touch Function
2021/02/10
HID-2132 BCM-HID-2132 Datasheet
691Kb / 2P
21.5” Slim design Multi-touch Medical Panel PC
7/31/2018
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com