Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD8220ARMZ Datasheet(PDF) 11 Page - Analog Devices

Part # AD8220ARMZ
Description  JFET Input Instrumentation Amplifier with Rail-to-Rail Output in MSOP Package
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8220ARMZ Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8220ARMZ Datasheet HTML 7Page - Analog Devices AD8220ARMZ Datasheet HTML 8Page - Analog Devices AD8220ARMZ Datasheet HTML 9Page - Analog Devices AD8220ARMZ Datasheet HTML 10Page - Analog Devices AD8220ARMZ Datasheet HTML 11Page - Analog Devices AD8220ARMZ Datasheet HTML 12Page - Analog Devices AD8220ARMZ Datasheet HTML 13Page - Analog Devices AD8220ARMZ Datasheet HTML 14Page - Analog Devices AD8220ARMZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
AD8220
Rev. 0 | Page 11 of 28
XX
XX
XX
XX
XXX (X)
1s/DIV
5µV/DIV
Figure 11. 0.1 Hz to 10 Hz RTI Voltage Noise (G = 1)
XX
XX
XX
XX
XXX (X)
1s/DIV
1µV/DIV
Figure 12. 0.1 Hz to 10 Hz RTI Voltage Noise (G = 1000)
8
0
0.1
1k
TIME (s)
1
10
100
7
6
5
4
3
2
1
Figure 13. Change in Input Offset Voltage vs. Warm Up Time
150
10
11
FREQUENCY (Hz)
M
10
100
1k
10k
100k
130
110
90
70
50
30
BANDWIDTH
LIMITED
GAIN = 1
GAIN = 10
GAIN = 100
GAIN = 1000
Figure 14. Positive PSRR vs. Frequency, RTI
150
10
11
FREQUENCY (Hz)
M
10
100
1k
10k
100k
130
110
90
70
50
30
GAIN = 1
GAIN = 10
GAIN = 100
GAIN = 1000
Figure 15. Negative PSRR vs. Frequency, RTI
–1
1
3
5
7
9
–16
16
COMMON-MODE VOLTAGE (V)
–12
–8
–4
0
4
8
12
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
INPUT OFFSET
CURRENT ±5
–15.1V
–5.1V
INPUT OFFSET
CURRENT ±15
INPUT BIAS
CURRENT ±15
INPUT BIAS
CURRENT ±5
Figure 16. Input Current vs. Common-Mode Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com