Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD8220ARMZ Datasheet(PDF) 25 Page - Analog Devices

Part # AD8220ARMZ
Description  JFET Input Instrumentation Amplifier with Rail-to-Rail Output in MSOP Package
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8220ARMZ Datasheet(HTML) 25 Page - Analog Devices

Back Button AD8220ARMZ Datasheet HTML 20Page - Analog Devices AD8220ARMZ Datasheet HTML 21Page - Analog Devices AD8220ARMZ Datasheet HTML 22Page - Analog Devices AD8220ARMZ Datasheet HTML 23Page - Analog Devices AD8220ARMZ Datasheet HTML 24Page - Analog Devices AD8220ARMZ Datasheet HTML 25Page - Analog Devices AD8220ARMZ Datasheet HTML 26Page - Analog Devices AD8220ARMZ Datasheet HTML 27Page - Analog Devices AD8220ARMZ Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
AD8220
Rev. 0 | Page 25 of 28
ELECTROCARDIOGRAM SIGNAL CONDITIONING
The AD8220 makes an excellent input amplifier for next
generation ECGs. Its small size, high CMRR over frequency,
rail-to-rail output, and JFET inputs are well suited for this
application. Potentials measured on the skin range from 0.2 mV
to 2 mV. The AD8220 solves many of the typical challenges of
measuring these body surface potentials. The AD8220’s high
CMRR helps reject common-mode signals that come in the
form of line noise or high frequency EMI from equipment in
the operating room. Its rail-to-rail output offers wide dynamic
range allowing for higher gains than would be possible using
other instrumentation amplifiers. JFET inputs offer a large
input capacitance of 5 pF. A natural RC filter is formed reducing
high frequency noise when series input resistors are used in
front of the AD8220 (see the RF Interference section).
In addition, the AD8220 JFET inputs have ultralow input bias
current and no current noise, making it useful for ECG
applications where there are often large impedances. The MSOP
package and the AD8220’s optimal pinout allow smaller
footprints and more efficient layout, paving the way for next
generation portable ECGs.
Figure 67 shows an example ECG schematic. Following the
AD8220 is a 0.03 Hz high-pass filter, formed by the 4.7 μF
capacitor and the 1 MΩ resistor, which removes the dc offset
that develops between the electrodes. An additional gain of 50,
provided by the AD8618, makes use of the 0 V to 5 V input
range of the ADC. An active, fifth order, low-pass Bessel filter
removes signals greater than approximately 160 Hz. An OP2177
buffers, inverts, and gains the common-mode voltage taken at
the mid-point of the AD8220 gain setting resistors. This right
leg drive circuit helps cancel common-mode signals by
inverting the common-mode signal and driving it back into the
body. A 499 kΩ series resistor at the output of the OP2177
limits the current driven into the body.
ADC
AD7685
AD8618
+5V
2.7nF
500Ω
AD8618
14.5kΩ
19.3kΩ
2.5V
22nF
4.7µF
REF
+5V
REFERENCE
ADR435
68nF
+5V
AD8618
+5V
1.15kΩ
4.99kΩ
2.5V
2.5V
2.5V
33nF
19.3kΩ
14.5kΩ
33nF
LOW-PASS FIFTH ORDER FILTER AT 157Hz
AD8618
+5V
–5V
–5V
+5V
47nF
14kΩ
14kΩ
57.6kΩ
1.18kΩ
G= +50
4.7µF
2.5V
1MΩ
12.7kΩ
499kΩ
220pF
HIGH-PASS FILTER 0.033Hz
INSTRUMENTATION
AMPLIFIER
G=+14
AD8220
+5V
4.12kΩ
24.9kΩ
24.9kΩ
–5V
+5V
OP AMPS
OP2177
OP2177
866kΩ
68pF
AB
C
15kΩ
–5V
+5V
–5V
+5V
2.2pF
2.2pF
10pF
10kΩ
10kΩ
Figure 67. Example ECG Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com