Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

9FGL0441CKILF Datasheet(PDF) 33 Page - Renesas Technology Corp

Part # 9FGL0441CKILF
Description  3.3V PCIe Gen1–5 Clock Generator Family
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

9FGL0441CKILF Datasheet(HTML) 33 Page - Renesas Technology Corp

Back Button 9FGL0441CKILF Datasheet HTML 29Page - Renesas Technology Corp 9FGL0441CKILF Datasheet HTML 30Page - Renesas Technology Corp 9FGL0441CKILF Datasheet HTML 31Page - Renesas Technology Corp 9FGL0441CKILF Datasheet HTML 32Page - Renesas Technology Corp 9FGL0441CKILF Datasheet HTML 33Page - Renesas Technology Corp 9FGL0441CKILF Datasheet HTML 34Page - Renesas Technology Corp 9FGL0441CKILF Datasheet HTML 35Page - Renesas Technology Corp 9FGL0441CKILF Datasheet HTML 36Page - Renesas Technology Corp 9FGL0441CKILF Datasheet HTML 37Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 33 / 37 page
background image
(PCB Top View, NSMD Design)
4.00 ±0.10
4.00 ±0.10
Pin 1 ID
TOP VIEW
BOTTOM VIEW
SIDE VIEW
RECOMMENDED LAND PATTERN
NOTES:
1.
JEDEC compatible.
2.
All dimensions are in mm and angles are in degrees.
3.
Use ±0.05 mm for the non-toleranced dimensions.
4.
Numbers in ( ) are for references only.
0.90 ±0.10
(0.20)
0.05 Max
Seating Plane
0.08 C
C
1
6
7
12
13
18
24
19
0.50
0.25
0.40
2.45 ±0.15
2.45 ±0.15
C0.35
2.45
2.45
3.20 4.30
4.30
0.25
0.50
Package
Outline
C0.35
© Renesas Electronics Corporation
Package Outline Drawing
Package Code:NLG24P1
24-VFQFPN 4.0 x 4.0 x 0.9 mm Body, 0.5mm Pitch
PSC-4192-01, Revision: 05, Date Created: Aug 1, 2022



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com