Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

9FGL0441CKILF Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # 9FGL0441CKILF
Description  3.3V PCIe Gen1–5 Clock Generator Family
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

9FGL0441CKILF Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button 9FGL0441CKILF Datasheet HTML 17Page - Renesas Technology Corp 9FGL0441CKILF Datasheet HTML 18Page - Renesas Technology Corp 9FGL0441CKILF Datasheet HTML 19Page - Renesas Technology Corp 9FGL0441CKILF Datasheet HTML 20Page - Renesas Technology Corp 9FGL0441CKILF Datasheet HTML 21Page - Renesas Technology Corp 9FGL0441CKILF Datasheet HTML 22Page - Renesas Technology Corp 9FGL0441CKILF Datasheet HTML 23Page - Renesas Technology Corp 9FGL0441CKILF Datasheet HTML 24Page - Renesas Technology Corp 9FGL0441CKILF Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
21
©2019-2022 Renesas Electronics Corporation
December 1, 2022
9FGL02x1/04x1/06x1/08x1 Datasheet
1 A low on these bits will override the OE# pin and force the differential output to the state indicated by B11[1:0] (Low/Low default)
1 See notes on Spread Selection table. B1[5] must be set to a 1 in order to use B1[4:3].
Table 21. Byte 0: Output Enable Register
Byte 01
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
Control
Function
Output Enable Output Enable Output Enable Output Enable Output Enable Output Enable Output Enable Output Enable
Type
RW
RW
RW
RW
RW
RW
RW
RW
0
See B11[1:0]
1
OE# Pin Controls Output
9FGL08
Name
OE7
OE6
OE5
OE4
OE3
OE2
OE1
OE0
9FGL08
Default
1
1
1
1
1
1
1
1
9FGL06
Name
OE5
OE4
Reserved
OE3
OE2
OE1
Reserved
OE0
9FGL06
Default
1
1
x
1
1
1
x
1
9FGL04
Name
Reserved
Reserved
Reserved
Reserved
OE3
OE2
OE1
OE0
9FGL04
Default
x
x
x
x
1
1
1
1
9FGL02
Name
Reserved
Reserved
Reserved
Reserved
Reserved
OE1
OE0
Reserved
9FGL02
Default
x
x
x
x
x
1
1
x
Table 22. Byte 1: Spread Spectrum with VHIGH Control Register
Byte 1
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
Control
Function
SS Enable
Readback Bit1
SS Enable
Readback Bit0
Enable software
control of spread
spectrum
SS Software
Control Bit1
SS Software
Control Bit0
Reserved
Controls
Output
Amplitude
Type
R
R
RW
RW1
RW1
RW
RW
0
See Spread Selection table
SS controlled by
latch (B1[7:6])
See Spread Selection table
00 = 0.6V
10 = 0.75V
1
Values in B1[4:3]
control SS amount
01 = 0.68V
11 = 0.85V
Name
SSENRB1
SSENRB1
SSEN_SWCNTRL SSENSW1
SSENSW0
AMPLITUDE 1 AMPLITUDE 0
Default
Latch
Latch
0
0
0
x
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com