Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

9FGL0451CKILF Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # 9FGL0451CKILF
Description  3.3V PCIe Gen1–5 Clock Generator Family
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

9FGL0451CKILF Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button 9FGL0451CKILF Datasheet HTML 2Page - Renesas Technology Corp 9FGL0451CKILF Datasheet HTML 3Page - Renesas Technology Corp 9FGL0451CKILF Datasheet HTML 4Page - Renesas Technology Corp 9FGL0451CKILF Datasheet HTML 5Page - Renesas Technology Corp 9FGL0451CKILF Datasheet HTML 6Page - Renesas Technology Corp 9FGL0451CKILF Datasheet HTML 7Page - Renesas Technology Corp 9FGL0451CKILF Datasheet HTML 8Page - Renesas Technology Corp 9FGL0451CKILF Datasheet HTML 9Page - Renesas Technology Corp 9FGL0451CKILF Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
6
©2019-2022 Renesas Electronics Corporation
December 1, 2022
9FGL02x1/04x1/06x1/08x1 Datasheet
9FGL08x1 Pin Assignment
Figure 4. Pin Assignments for 6 × 6 mm 48-VFQFPN Package – Top View
Pin Descriptions
Table 1. Pin Descriptions
Name
Type
Description
9FGL08x1
Pin No.
9FGL06x1
Pin No.
9FGL04x1
Pin No.
9FGL02x1
Pin No.
^CKPWRGD_PD#
Input
Input notifies device to sample latched inputs and start up
on first high assertion. Low enters Power Down Mode,
subsequent high assertions exit Power Down Mode. This
pin has internal pull-up resistor.
48
40
31
22
^vSS_EN_tri
Latched In Latched select input to select spread spectrum amount at
initial power up. See Spread Selection table.
1
1
32
23
DIF0
Output
Differential true clock output.
15
14
13
13
DIF0#
Output
Differential complementary clock output.
16
15
14
14
DIF1
Output
Differential true clock output.
18
18
18
17
48 47 46 45 44 43 42 41 40 39 38 37
^vSS_EN_tri 1
36 DIF5#
GNDXTAL 2
35 DIF5
XIN/CLKIN_25 3
34 vOE4#
X2 4
33 DIF4#
VDDXTAL3.3 5
32 DIF4
VDDREF3.3 6
31 VDDIO
vSADR/REF3.3 7
30 VDDA3.3
GNDREF 8
29 GNDA
GNDDIG 9
28 vOE3#
SCLK_3.3 10
27 DIF3#
SDATA_3.3 11
26 DIF3
VDDDIG3.3 12
25 vOE2#
13 14 15 16 17 18 19 20 21 22 23 24
48-VFQFPN, 6 x 6 mm, 0.4mm pitch
9FGL0841C
9FGL0851C
EPAD is GND
v prefix indicates internal pull-down resistor
^ prefix indicates internal pull-up resistor
^v prefix indicates internal pull-up and pull-down resistors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com