Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

9FGL0451CKILF Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # 9FGL0451CKILF
Description  3.3V PCIe Gen1–5 Clock Generator Family
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

9FGL0451CKILF Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button 9FGL0451CKILF Datasheet HTML 4Page - Renesas Technology Corp 9FGL0451CKILF Datasheet HTML 5Page - Renesas Technology Corp 9FGL0451CKILF Datasheet HTML 6Page - Renesas Technology Corp 9FGL0451CKILF Datasheet HTML 7Page - Renesas Technology Corp 9FGL0451CKILF Datasheet HTML 8Page - Renesas Technology Corp 9FGL0451CKILF Datasheet HTML 9Page - Renesas Technology Corp 9FGL0451CKILF Datasheet HTML 10Page - Renesas Technology Corp 9FGL0451CKILF Datasheet HTML 11Page - Renesas Technology Corp 9FGL0451CKILF Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
8
©2019-2022 Renesas Electronics Corporation
December 1, 2022
9FGL02x1/04x1/06x1/08x1 Datasheet
If SRnS mode is desired, power up with ^vSS_EN_tri = '0'. Do not attempt to switch to the other modes via SMBus control in Byte 1 or a
system reset will be required. If Common Clock (CC) or SRIS mode is desired, power up with ^vSS_EN_tri at either 'M' or '1'. The desired
spread spectrum amount can then be selected via Byte 1 without a requiring a system reset. Once 'M' or '1' is latched at power up, do not
attempt to enter SRnS mode or a system reset will be required.
vOE0#
Input
Active low input for enabling output 0. This pin has an
internal pull-down.
1 = disable output, 0 = enable output.
14
13
12
12
vOE1#
Input
Active low input for enabling output 1. This pin has an
internal pull-down.
1 = disable output, 0 = enable output.
17
21
17
19
vOE2#
Input
Active low input for enabling output 2. This pin has an
internal pull-down.
1 = disable output, 0 = enable output.
25
24
24
-
vOE3#
Input
Active low input for enabling output 3. This pin has an
internal pull-down.
1 = disable output, 0 = enable output.
28
30
29
-
vOE4#
Input
Active low input for enabling output 4. This pin has an
internal pull-down.
1 = disable output, 0 = enable output.
34
35
-
-
vOE5#
Input
Active low input for enabling output 5. This pin has an
internal pull-down.
1 = disable output, 0 = enable output.
37
38
-
-
vOE6#
Input
Active low input for enabling output 6. This pin has an
internal pull-down.
1 = disable output, 0 = enable output.
43
-
-
-
vOE7#
Input
Active low input for enabling output 7. This pin has an
internal pull-down.
1 = disable output, 0 = enable output.
46
-
-
-
vSADR/REF3.3
Latched I/O Latch to select SMBus Address/3.3V LVCMOS copy of
X1/REFIN pin.
7
6
6
4
X2
Output
Crystal output.
4
3
3
2
XIN/CLKIN_25
Input
Crystal input or Reference Clock input, nominally 25MHz.
3
2
2
1
Table 2. Spread Selection
^vSS_EN_tri Pin
B1[4:3]
Spread%
Note
0
00
0
PCIe SRNS mode.
—
01
-0.25
PCIe Common Clock or SRIS mode.
M (VDD/2)
10
0
PCIe Common Clock or SRIS mode.
1
11
-0.50
PCIe Common Clock or SRIS mode.
Table 1. Pin Descriptions (Cont.)
Name
Type
Description
9FGL08x1
Pin No.
9FGL06x1
Pin No.
9FGL04x1
Pin No.
9FGL02x1
Pin No.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com