Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP2985IM5-3.0/NOPB Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LP2985IM5-3.0/NOPB
Description  LP2985-N 150-mA, Low-Noise, Low-Power, Ultra-Low-Dropout Regulator in a SOT-23 Package
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2985IM5-3.0/NOPB Datasheet(HTML) 21 Page - Texas Instruments

Back Button LP2985IM5-3.0/NOPB Datasheet HTML 17Page - Texas Instruments LP2985IM5-3.0/NOPB Datasheet HTML 18Page - Texas Instruments LP2985IM5-3.0/NOPB Datasheet HTML 19Page - Texas Instruments LP2985IM5-3.0/NOPB Datasheet HTML 20Page - Texas Instruments LP2985IM5-3.0/NOPB Datasheet HTML 21Page - Texas Instruments LP2985IM5-3.0/NOPB Datasheet HTML 22Page - Texas Instruments LP2985IM5-3.0/NOPB Datasheet HTML 23Page - Texas Instruments LP2985IM5-3.0/NOPB Datasheet HTML 24Page - Texas Instruments LP2985IM5-3.0/NOPB Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 43 page
background image
Thermal resistance (RθJA) is highly dependent on the heat-spreading capability built into the particular PCB
design, and therefore varies according to the total copper area, copper weight, and location of the planes.
The junction-to-ambient thermal resistance listed in the Thermal Information table is determined by the JEDEC
standard PCB and copper-spreading area, and is used as a relative measure of package thermal performance.
8.1.6 Estimating Junction Temperature
The JEDEC standard now recommends the use of psi (Ψ) thermal metrics to estimate the junction temperatures
of the linear regulator when in-circuit on a typical PCB board application. These metrics are not thermal
resistance parameters and instead offer a practical and relative way to estimate junction temperature. These
psi metrics are determined to be significantly independent of the copper area available for heat-spreading.
The Thermal Information table lists the primary thermal metrics, which are the junction-to-top characterization
parameter (ψJT) and junction-to-board characterization parameter (ψJB). These parameters provide two methods
for calculating the junction temperature (TJ), as described in the following equations. Use the junction-to-top
characterization parameter (ψJT) with the temperature at the center-top of device package (TT) to calculate
the junction temperature. Use the junction-to-board characterization parameter (ψJB) with the PCB surface
temperature 1 mm from the device package (TB) to calculate the junction temperature.
TJ = TT + ψJT × PD
(4)
where:
• PD is the dissipated power
• TT is the temperature at the center-top of the device package
TJ = TB + ψJB × PD
(5)
where:
• TB is the PCB surface temperature measured 1 mm from the device package and centered on the package
edge
For detailed information on the thermal metrics and how to use them, see the Semiconductor and IC Package
Thermal Metrics application note.
www.ti.com
LP2985-N
SNVS018Z – MARCH 2000 – REVISED MAY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: LP2985-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com