Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP2985IM5-3.0/NOPB Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LP2985IM5-3.0/NOPB
Description  LP2985-N 150-mA, Low-Noise, Low-Power, Ultra-Low-Dropout Regulator in a SOT-23 Package
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2985IM5-3.0/NOPB Datasheet(HTML) 13 Page - Texas Instruments

Back Button LP2985IM5-3.0/NOPB Datasheet HTML 9Page - Texas Instruments LP2985IM5-3.0/NOPB Datasheet HTML 10Page - Texas Instruments LP2985IM5-3.0/NOPB Datasheet HTML 11Page - Texas Instruments LP2985IM5-3.0/NOPB Datasheet HTML 12Page - Texas Instruments LP2985IM5-3.0/NOPB Datasheet HTML 13Page - Texas Instruments LP2985IM5-3.0/NOPB Datasheet HTML 14Page - Texas Instruments LP2985IM5-3.0/NOPB Datasheet HTML 15Page - Texas Instruments LP2985IM5-3.0/NOPB Datasheet HTML 16Page - Texas Instruments LP2985IM5-3.0/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 43 page
background image
6.6 Typical Characteristics (continued)
Figure 6-25. Dropout Voltage vs Temperature for Legacy Chip
Temperature (°C)
-75
-50
-25
0
25
50
75
100
125
150
0
50
100
150
200
250
300
350
400
450
Iout
1mA
10mA
50mA
150mA
Figure 6-26. Dropout Voltage vs Temperature for New Chip
Figure 6-27. Input Current vs VIN for Legacy Chip
VIN
0
2
4
6
8
10
12
14
16
-200
0
200
400
600
800
1000
VO = 3.3 V
CO = 4.7uF
Temperature
-55 °C
-40 °C
0 °C
25 °C
85 °C
125 °C
150 °C
Figure 6-28. Input Current vs VIN for New Chip
Figure 6-29. GND Pin Current vs Temperature for Legacy Chip
Temperature
C
-75
-50
-25
0
25
50
75
100
125
150
0
200
400
600
800
1000
1200
1400
VI = 4.3 V
VO = 3.3 V
Load Current
0
1mA
10mA
50mA
150mA
Figure 6-30. GND Pin Current vs Temperature for New Chip
www.ti.com
LP2985-N
SNVS018Z – MARCH 2000 – REVISED MAY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: LP2985-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com