Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ICS9LPRS501 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # ICS9LPRS501
Description  64-PIN CK505 W/FULLY INTEGRATED VOLTAGE REGULATOR INTEGRATED SERIES RESISTOR
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9LPRS501 Datasheet(HTML) 5 Page - Renesas Technology Corp

  ICS9LPRS501 Datasheet HTML 1Page - Renesas Technology Corp ICS9LPRS501 Datasheet HTML 2Page - Renesas Technology Corp ICS9LPRS501 Datasheet HTML 3Page - Renesas Technology Corp ICS9LPRS501 Datasheet HTML 4Page - Renesas Technology Corp ICS9LPRS501 Datasheet HTML 5Page - Renesas Technology Corp ICS9LPRS501 Datasheet HTML 6Page - Renesas Technology Corp ICS9LPRS501 Datasheet HTML 7Page - Renesas Technology Corp ICS9LPRS501 Datasheet HTML 8Page - Renesas Technology Corp ICS9LPRS501 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
IDTTM/ICSTM
64-pin CK505 w/Fully Integrated Voltage Regulator + Integrated Series Resistor
1121G—05/19/11
Advance Information
ICS9LPRS501
64-PIN CK505 W/FULLY INTEGRATED VOLTAGE REGULATOR + INTEGRATED SERIES RESISTOR
5
TSSOP Pin Description (Continued)
Fully Integrated Regulator Connection for Desktop/Mobile Applications
PIN #
PIN NAME
TYPE
DESCRIPTION
49
VDDCPU_IO
PWR
Supply for CPU outputs. VDDCPU_IO is 1.05 to 3.3V with +/-5% tolerance
50
CPUC1_F
OUT
Complement clock of low power differenatial CPU clock pair. This clock will be free-running
during iAMT.
51
CPUT1_F
OUT
True clock of low power differential CPU clock pair. This clock will be free-running during iAMT.
52
GNDCPU
PWR
Ground Pin for CPU Outputs
53
CPUC0
OUT
Complement clock of low power differential CPU clock pair.
54
CPUT0
OUT
True clock of low power differential CPU clock pair.
55
VDDCPU
PWR
Power Supply 3.3V nominal.
56
CK_PWRGD/PD#
IN
Notifies CK505 to sample latched inputs, or iAMT entry/exit, or PWRDWN# mode
57
FSLB/TEST_MODE
IN
3.3V tolerant input for CPU frequency selection. Refer to input electrical characteristics for
Vil_FS and Vih_FS values. TEST_MODE is a real time input to select between Hi-Z and REF/N
divider mode while in test mode. Refer to Test Clarification Table.
58
GNDREF
PWR
Ground pin for crystal oscillator circuit
59
X2
OUT
Crystal output, nominally 14.318MHz.
60
X1
IN
Crystal input, Nominally 14.318MHz.
61
VDDREF
PWR
Power pin for the REF outputs, 3.3V nominal.
62
REF0/FSLC/TEST_SEL
I/O
3.3V 14.318MHz reference clock/3.3V tolerant low threshold input for CPU frequency selection.
Refer to input electrical characteristics for Vil_FS and Vih_FS values/ TEST_SEL: 3-level
latched input to enable test mode. Refer to Test Clarification Table.
63
SDATA
I/O
Data pin for SMBus circuitry, 5V tolerant.
64
SCLK
IN
Clock pin of SMBus circuitry, 5V tolerant.
ICS9LPR501
ICS9LPRS501
1.05V to 3.3V
(+/-5%)
NC
PIN 48
VDDCPU_IO, Pin 49
VDDSRC_IO Pin 45,36,26
VDDPLL3_IO, Pin 20
VDD96_IO, Pin 12
SRC_IO Decoupling
Network
PLL3_IO Decoupling
Network
CPU_IO Decoupling
Network
96_IO Decoupling
Network



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com