Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ICS9LPRS501 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ICS9LPRS501
Description  64-PIN CK505 W/FULLY INTEGRATED VOLTAGE REGULATOR INTEGRATED SERIES RESISTOR
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9LPRS501 Datasheet(HTML) 1 Page - Renesas Technology Corp

  ICS9LPRS501 Datasheet HTML 1Page - Renesas Technology Corp ICS9LPRS501 Datasheet HTML 2Page - Renesas Technology Corp ICS9LPRS501 Datasheet HTML 3Page - Renesas Technology Corp ICS9LPRS501 Datasheet HTML 4Page - Renesas Technology Corp ICS9LPRS501 Datasheet HTML 5Page - Renesas Technology Corp ICS9LPRS501 Datasheet HTML 6Page - Renesas Technology Corp ICS9LPRS501 Datasheet HTML 7Page - Renesas Technology Corp ICS9LPRS501 Datasheet HTML 8Page - Renesas Technology Corp ICS9LPRS501 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
ICS9LPRS501
1121G—05/19/11
64-PIN CK505 W/FULLY INTEGRATED VOLTAGE
REGULATOR + INTEGRATED SERIES RESISTOR
1
Datasheet
IDTTM/ICSTM
64-pin CK505 w/Fully Integrated Voltage Regulator + Integrated Series Resistor
Recommended Application:
Key Specifications:
CK505 compliant clock with fully integrated voltage
regulator and Internal series resistor on differential outputs,
PCIe Gen 1 compliant
CPU outputs cycle-cycle jitter < 85ps
SRC output cycle-cycle jitter < 125ps
PCI outputs cycle-cycle jitter < 250ps
+/- 100ppm frequency accuracy on CPU & SRC
clocks
TSSOP Pin Configuration
Output Features:
2 - CPU differential low power push-pull pairs
10 - SRC differential low power push-pull pairs
1 - CPU/SRC selectable differential low power push-pull
pair
1 - SRC/DOT selectable differential low power push-pull
pair
5 - PCI, 33MHz
1 - PCI_F, 33MHz free running
1 - USB, 48MHz
1 - REF, 14.318MHz
Features/Benefits:
Does not require external pass transistor for voltage
regulator
Integrated series resistors on differential outputs,
Zo=50
Ω
Supports spread spectrum modulation, default is 0.5%
down spread
Uses external 14.318MHz crystal, external crystal
load caps are required for frequency tuning
One differential push-pull pair selectable between
SRC and two single-ended outputs
Table 1: CPU Frequency Select Table
PCI0/CR#_A 1
64 SCLK
VDDPCI 2
63 SDATA
PCI1/CR#_B 3
62 REF0/FSLC/TEST_SEL
PCI2/TME 4
61 VDDREF
PCI3 5
60 X1
PCI4/SRC5_EN 6
59 X2
PCI_F5/ITP_EN 7
58 GNDREF
GNDPCI 8
57 FSLB/TEST_MODE
VDD48 9
56 CK_PWRGD/PD#
USB_48MHz/FSLA 10
55 VDDCPU
GND4811
54CPUT0
VDD96_IO 12
53 CPUC0
DOTT_96/SRCT0 13
52 GNDCPU
DOTC_96/SRCC0 14
51 CPUT1_F
GND 15
50 CPUC1_F
VDD 16
49 VDDCPU_IO
SRCT1/SE1 17
48 NC
SRCC1/SE2 18
47 CPUT2_ITP/SRCT8
GND 19
46 CPUC2_ITP/SRCC8
VDDPLL3_IO 20
45 VDDSRC_IO
SRCT2/SATAT 21
44 SRCT7/CR#_F
SRCC2/SATAC 22
43 SRCC7/CR#_E
GNDSRC 23
42 GNDSRC
SRCT3/CR#_C 24
41 SRCT6
SRCC3/CR#_D 25
40 SRCC6
VDDSRC_IO 26
39 VDDSRC
SRCT427
38PCI_STOP#/SRCT5
SRCC4 28
37 CPU_STOP#/SRCC5
GNDSRC 29
36 VDDSRC_IO
SRCT9 30
35 SRCC10
SRCC9 31
34 SRCT10
SRCC11/CR#_G 32
33 SRCT11/CR#_H
FSLC
2
B0b7
FSLB
1
B0b6
FSLA
1
B0b5
CPU
MHz
SRC
MHz
PCI
MHz
REF
MHz
USB
MHz
DOT
MHz
0
0
0
266.66
0
0
1
133.33
0
1
0
200.00
0
1
1
166.66
1
0
0
333.33
1
0
1
100.00
1
1
0
400.00
11
1
1. FS
LA and FSLB are low-threshold inputs .Please s ee VIL_FS and VIH_FS specifications in
the Input/Supply/Common Output Parameters Table for correct values.
Also refer to the Test Clarification Table.
2. FS
LC is a three-level input. Please s ee the VIL_FS and VIH_FS
specifications in the Input/Supply/Common Output Parameters Table for correct values.
96.00
Reserved
100.00
33.33
14.318
48.00


Similar Part No. - ICS9LPRS501

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS9LPRS501 IDT-ICS9LPRS501 Datasheet
270Kb / 28P
64-PIN CK505 W/FULLY INTEGRATED VOLTAGE REGULATOR INTEGRATED SERIES RESISTOR
More results

Similar Description - ICS9LPRS501

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9LPR501 ICST-ICS9LPR501 Datasheet
237Kb / 22P
64-pin CK505 w/Fully Integrated Voltage Regulator
logo
Integrated Device Techn...
ICS9LPR501 IDT-ICS9LPR501 Datasheet
236Kb / 22P
64-pin CK505 w/Fully Integrated Voltage Regulator
ICS9LPR501 IDT-ICS9LPR501_09 Datasheet
229Kb / 21P
64-PIN CK505 W/FULLY INTEGRATED VOLTAGE REGULATOR
ICS9LPRS501 IDT-ICS9LPRS501 Datasheet
270Kb / 28P
64-PIN CK505 W/FULLY INTEGRATED VOLTAGE REGULATOR INTEGRATED SERIES RESISTOR
ICS9LPRS365BGLF IDT-ICS9LPRS365BGLF Datasheet
481Kb / 28P
64-pin CK505 w/Fully Integrated Voltage Regulator Integrated Series Resistor
ICS9LPRS365BGLFT IDT-ICS9LPRS365BGLFT Datasheet
481Kb / 28P
64-pin CK505 w/Fully Integrated Voltage Regulator Integrated Series Resistor
9LPRS355BGLF IDT-9LPRS355BGLF Datasheet
64Kb / 1P
64-pin CK505 w/Fully integrated Voltage Regulator Integrated Series Resistor
logo
Renesas Technology Corp
ICS9LPR501 RENESAS-ICS9LPR501 Datasheet
352Kb / 22P
64-PIN CK505 W/FULLY INTEGRATED VOLTAGE REGULATOR
2019
ICS9LPRS355 RENESAS-ICS9LPRS355 Datasheet
379Kb / 28P
64-pin CK505 w/Fully Integrated Voltage Regulator Integrated Series Resistor
2019
ICS9LPRS365 RENESAS-ICS9LPRS365 Datasheet
897Kb / 29P
64-pin CK505 w/Fully Integrated Voltage Regulator Integrated Series Resistor
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com