Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ICS9LPRS535 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ICS9LPRS535
Description  48-pin CK505 for Intel Systems
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9LPRS535 Datasheet(HTML) 1 Page - Renesas Technology Corp

  ICS9LPRS535 Datasheet HTML 1Page - Renesas Technology Corp ICS9LPRS535 Datasheet HTML 2Page - Renesas Technology Corp ICS9LPRS535 Datasheet HTML 3Page - Renesas Technology Corp ICS9LPRS535 Datasheet HTML 4Page - Renesas Technology Corp ICS9LPRS535 Datasheet HTML 5Page - Renesas Technology Corp ICS9LPRS535 Datasheet HTML 6Page - Renesas Technology Corp ICS9LPRS535 Datasheet HTML 7Page - Renesas Technology Corp ICS9LPRS535 Datasheet HTML 8Page - Renesas Technology Corp ICS9LPRS535 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Integrated
Circuit
Systems, Inc.
ICS9LPRS535
Datasheet
1461A—07/28/09
Pin Configuration
Recommended Application:
48-pin Low Cost CK505 w/fully integrated VREG and series
resistors on differential outputs
Output Features:
Integrated Series Resistors on differential outputs
2 - CPU differential push-pull pairs
4 - SRC differential push-pull pairs
1 - CPU/SRC selectable differential push-pull pair
1 - SRC/DOT selectable differential push-pull pair
1- SRC/Stop_Inputs selectable differential push-pull pair
1 - 25MHz SE1 output for Wake-on-Lan applications
3 - PCI, 33MHz
1 - USB, 48MHz
1 - REF, 14.31818MHz
Key Specifications:
CPU outputs cycle-cycle jitter < 85ps
SRC output cycle-cycle jitter < 125ps
PCI outputs cycle-cycle jitter < 250ps
+/-100ppm frequency accuracy on all clocks
48-pin CK505 for Intel Systems
Features/Benefits:
Supports spread spectrum modulation, default is 0.5%
down spread
Uses external 14.318MHz crystal, external crystal load
caps are required for frequency tuning
Table 1: CPU Frequency Select Table
FSLC
2
B0b7
FSLB
1
B0b6
FSLA
1
B0b5
CPU
MHz
SRC
MHz
PCI
MHz
REF
MHz
USB
MHz
DOT
MHz
0
0
0
266.66
0
0
1
133.33
0
1
0
200.00
0
1
1
166.66
1
0
0
333.33
1
0
1
100.00
1
1
0
400.00
11
1
1. FS
LA and FSLB are low-threshold inputs.Pleas e see VIL_FS and VIH_FS specifications in
the Input/Supply/Common Output Parameters Table for correct values.
Also refer to the Test Clarification Table.
2. FS
LC is a three-level input. Please see the VIL_FS and VIH_FS
specifications in the Input/Supply/Common Output Parameters Table for correct values.
Reserved
100.00
33.33
14.318
48.00
96.00
PCI0/CR#_A 1
48 SCLK
VDDPCI 2
47 SDATA
PCI4/SRC5_EN 3
46 REF0/FSLC/TEST_SEL
PCI_F5/ITP_EN 4
45 VDDREF
GNDPCI 5
44 X1
VDD48 6
43 X2
USB_48MHz/FSLA 7
42 GNDREF
GND48 8
41 FSLB/TEST_MODE
VDD96_IO 9
40 CK_PWRGD/PD#
DOT96T_LPR/SRCT0_LPR 10
39 VDDCPU
DOT96C_LPR/SRCC0_LPR 11
38 CPUT0_LPR
GND 12
37 CPUC0_LPR
VDD 13
36 GNDCPU
SE1 14
35 CPUT1_LPR_F
GND 15
34 CPUC1_LPR_F
SRCT2_LPR/SATAT_LPR 16
33 VDDCPU_IO
SRCC2_LPR/SATAC_LPR 17
32 CPUT2_ITP_LPR/SRCT8_LPR
GNDSRC 18
31 CPUC2_ITP_LPR/SRCC8_LPR
SRCT3_LPR/CR#_C 19
30 VDDSRC_IO
SRCC3_LPR/CR#_D 20
29 SRCT7_LPR/CR#_F
VDDSRC_IO 21
28 SRCC7_LPR/CR#_E
SRCT4_LPR 22
27 GNDSRC
SRCC4_LPR 23
26 VDDSRC
CPU_STOP#/SRCC5_LPR 24
25 PCI_STOP#/SRCT5_LPR
48-SSOP/TSSOP
* Internal Pull-Up Resistor
** Internal Pull-Down Resistor


Similar Part No. - ICS9LPRS535

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS9LPRS535 IDT-ICS9LPRS535 Datasheet
225Kb / 17P
48-pin CK505 for Intel Systems
ICS9LPRS535 IDT-ICS9LPRS535_10 Datasheet
222Kb / 17P
48-pin CK505 for Intel Systems
More results

Similar Description - ICS9LPRS535

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS9LPRS525 IDT-ICS9LPRS525 Datasheet
239Kb / 21P
56-pin CK505 for Intel Systems
ICS9LPRS535 IDT-ICS9LPRS535 Datasheet
225Kb / 17P
48-pin CK505 for Intel Systems
ICS9LPRS525 IDT-ICS9LPRS525_10 Datasheet
237Kb / 21P
56-pin CK505 for Intel Systems
logo
Integrated Circuit Solu...
ICS9LPRS545 ICSI-ICS9LPRS545 Datasheet
221Kb / 17P
48-pin CK505 for Intel Systems
logo
Integrated Device Techn...
ICS9LPRS525_1107 IDT-ICS9LPRS525_1107 Datasheet
206Kb / 21P
56-pin CK505 for Intel Systems
ICS9LPRS535 IDT-ICS9LPRS535_10 Datasheet
222Kb / 17P
48-pin CK505 for Intel Systems
ICS9LPRS545 IDT-ICS9LPRS545 Datasheet
221Kb / 17P
48-pin CK505 for Intel Systems
ICS9LRS4103 IDT-ICS9LRS4103 Datasheet
160Kb / 15P
32-pin CK505 for Intel Systems
logo
Renesas Technology Corp
ICS9LRS4103 RENESAS-ICS9LRS4103 Datasheet
193Kb / 15P
32-pin CK505 for Intel Systems
01/06/11
ICS9LRS4903 RENESAS-ICS9LRS4903 Datasheet
235Kb / 16P
32-pin CK505 for Intel Systems
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com