Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74FCT3244APGG Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # 74FCT3244APGG
Description  3.3V CMOS OCTAL BUFFER/LINE DRIVER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

74FCT3244APGG Datasheet(HTML) 1 Page - Renesas Technology Corp

  74FCT3244APGG Datasheet HTML 1Page - Renesas Technology Corp 74FCT3244APGG Datasheet HTML 2Page - Renesas Technology Corp 74FCT3244APGG Datasheet HTML 3Page - Renesas Technology Corp 74FCT3244APGG Datasheet HTML 4Page - Renesas Technology Corp 74FCT3244APGG Datasheet HTML 5Page - Renesas Technology Corp 74FCT3244APGG Datasheet HTML 6Page - Renesas Technology Corp 74FCT3244APGG Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
INDUSTRIALTEMPERATURERANGE
74FCT3244/A
3.3VCMOSOCTALBUFFER/LINEDRIVER
1
Feb.11.20
INDUSTRIAL TEMPERATURE RANGE
FEATURES:
• 0.5 MICRON CMOS Technology
• ESD > 2000V per MIL-STD-883, Method 3015; > 200V using
machine model (C = 200pF, R = 0)
•VCC = 3.3V ±0.3V, Normal Range
•VCC = 2.7V to 3.6V, Extended Range
• CMOS power levels (0.4
μμμμμW typ. static)
• Rail-to-Rail output swing for increased noise margin
• Available in QSOP, SOIC, SSOP, and TSSOP packages
FUNCTIONAL BLOCK DIAGRAM
74FCT3244/A
3.3V CMOS OCTAL
BUFFER/LINE DRIVER
DESCRIPTION:
The FCT3244/A octal buffer/line drivers are built using advanced dual
metal CMOS technology. These high-speed, low-power buffers are
designed to be used as memory data and address drivers, clock drivers,
and bus-oriented transmitter/receivers. The three-state controls are
designed to operate these devices in a dual-nibble or single-byte mode. All
inputs are designed with hysteresis for improved noise margin.
1
Y1
1
Y2
1
Y3
1
Y4
1
A1
1
A2
1
A3
1
A4
1
OE
2
OE
2
A1
2
A2
2
A3
2
A4
2
Y1
2
Y2
2
Y3
2
Y4
1
2
4
6
8
18
16
14
12
19
11
13
15
17
9
7
5
3


Similar Part No. - 74FCT3244APGG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
74FCT3245APGG RENESAS-74FCT3245APGG Datasheet
211Kb / 7P
3.3V CMOS OCTAL BIDIRECTIONAL TRANSCEIVER
MAY 2018
74FCT3245APGG8 RENESAS-74FCT3245APGG8 Datasheet
211Kb / 7P
3.3V CMOS OCTAL BIDIRECTIONAL TRANSCEIVER
MAY 2018
74FCT3245AQG RENESAS-74FCT3245AQG Datasheet
211Kb / 7P
3.3V CMOS OCTAL BIDIRECTIONAL TRANSCEIVER
MAY 2018
74FCT3245AQG8 RENESAS-74FCT3245AQG8 Datasheet
211Kb / 7P
3.3V CMOS OCTAL BIDIRECTIONAL TRANSCEIVER
MAY 2018
74FCT3245PGG RENESAS-74FCT3245PGG Datasheet
211Kb / 7P
3.3V CMOS OCTAL BIDIRECTIONAL TRANSCEIVER
MAY 2018
More results

Similar Description - 74FCT3244APGG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT240 IDT-IDT74FCT240 Datasheet
155Kb / 8P
FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT74FCT3244 IDT-IDT74FCT3244 Datasheet
100Kb / 6P
3.3V CMOS OCTAL BUFFER/LINE DRIVER
74FCT540 IDT-74FCT540 Datasheet
96Kb / 6P
FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT74FCT2240AT IDT-IDT74FCT2240AT Datasheet
65Kb / 6P
FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT74FCT540AT IDT-IDT74FCT540AT_06 Datasheet
71Kb / 6P
FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT74FCT2244AT IDT-IDT74FCT2244AT Datasheet
69Kb / 6P
FAST CMOS OCTAL BUFFER/LINE DRIVER
74FCT540T IDT-74FCT540T Datasheet
50Kb / 6P
FAST CMOS OCTAL BUFFER/LINE DRIVER
74FCT2244T IDT-74FCT2244T Datasheet
52Kb / 6P
FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT74FCT540AT IDT-IDT74FCT540AT_16 Datasheet
78Kb / 6P
FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT74FCT2244AT IDT-IDT74FCT2244AT_16 Datasheet
80Kb / 6P
FAST CMOS OCTAL BUFFER/LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com