Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74FCT3244APGG Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # 74FCT3244APGG
Description  3.3V CMOS OCTAL BUFFER/LINE DRIVER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

74FCT3244APGG Datasheet(HTML) 2 Page - Renesas Technology Corp

  74FCT3244APGG Datasheet HTML 1Page - Renesas Technology Corp 74FCT3244APGG Datasheet HTML 2Page - Renesas Technology Corp 74FCT3244APGG Datasheet HTML 3Page - Renesas Technology Corp 74FCT3244APGG Datasheet HTML 4Page - Renesas Technology Corp 74FCT3244APGG Datasheet HTML 5Page - Renesas Technology Corp 74FCT3244APGG Datasheet HTML 6Page - Renesas Technology Corp 74FCT3244APGG Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
Feb.11.20
INDUSTRIALTEMPERATURERANGE
74FCT3244/A
3.3VCMOSOCTALBUFFER/LINEDRIVER
Symbol
Parameter(1)
Conditions
Typ.
Max.
Unit
CIN
Input Capacitance
VIN = 0V
3.5
6
pF
COUT
Output Capacitance
VOUT = 0V
4
8
pF
CAPACITANCE (TA = +25°C, F = 1.0MHz)
NOTE:
1. This parameter is measured at characterization but not tested.
Symbol
Description
Max
Unit
VTERM(2)
Terminal Voltage with Respect to GND
–0.5 to +4.6
V
VTERM(3)
Terminal Voltage with Respect to GND
–0.5 to +7
V
VTERM(4)
Terminal Voltage with Respect to GND
–0.5 to VCC+0.5
V
TSTG
StorageTemperature
–65 to +150
°C
IOUT
DC Output Current
–60 to +60
mA
NOTES:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may
cause permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those indicated in
the operational sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect reliability.
2. VCC terminals.
3. Input terminals.
4. Outputs and I/O terminals.
ABSOLUTE MAXIMUM RATINGS(1)
Pin Names
Description
xOE
3–State Output Enable Inputs (Active LOW)
xAx
DataInputs
xYx
3-StateOutputs
PIN DESCRIPTION
NOTE:
1. H = HIGH Voltage Level
X = Don’t Care
L = LOW Voltage Level
Z = High Impedance
FUNCTION TABLE(1)
Inputs
Outputs
xOE
xAx
xYx
LL
L
LH
H
HX
Z
PIN CONFIGURATION
5
6
7
8
9
10
1
2
3
4
20
19
18
17
16
15
14
13
12
11
GND
A 1
Y 4
A2
1
OE
Y3
A3
Y2
A 4
Y 1
1
Y
2
A
1
Y
2
A
1
Y
2
A
1
Y
2
A
Vcc
1
2
OE
4
2
3
3
2
4
1
1
2
1
2
1
2
1
2
TOP VIEW
PackageType
PackageCode
Order Code
QSOP
PCG20
QG
SOIC
PSG20
SOG
TSSOP
PGG20
PGG
SSOP
PYG20
PYG



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com