Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74FCT164245TPVG Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # 74FCT164245TPVG
Description  FAST CMOS 16-BIT BIDIRECTIONAL 3.3V TO 5V TRANSLATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

74FCT164245TPVG Datasheet(HTML) 5 Page - Renesas Technology Corp

  74FCT164245TPVG Datasheet HTML 1Page - Renesas Technology Corp 74FCT164245TPVG Datasheet HTML 2Page - Renesas Technology Corp 74FCT164245TPVG Datasheet HTML 3Page - Renesas Technology Corp 74FCT164245TPVG Datasheet HTML 4Page - Renesas Technology Corp 74FCT164245TPVG Datasheet HTML 5Page - Renesas Technology Corp 74FCT164245TPVG Datasheet HTML 6Page - Renesas Technology Corp 74FCT164245TPVG Datasheet HTML 7Page - Renesas Technology Corp 74FCT164245TPVG Datasheet HTML 8Page - Renesas Technology Corp 74FCT164245TPVG Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
IDT74FCT164245T
FAST CMOS 16-BIT BIDIRECTIONAL 3.3V TO 5V TRANSLATOR
INDUSTRIALTEMPERATURERANGE
Symbol
Parameter
Test Conditions(1)
Min.
Typ.(2)
Max.
Unit
ΔICC
Quiescent Power Supply Current
VCC1 = Max., VCC2 = Max.
—
12
30
μA
TTL Inputs HIGH
VIN = VCC2 - 0.6V(3)
ICCD
Dynamic Power Supply
VCC1 = Max., VCC2 = Max.
VIN = VCC2
—75
120
μA/
Current(4)
Outputs Open
VIN = GND
MHz
xOE = xDIR = GND
One Input Togging
50% Duty Cycle
IC
Total Power Supply Current(6)
VCC1 = Max., VCC2 = Max.
VIN = VCC2 - 0.6V
—
1.2
4.7
mA
Outputs Open
VIN = GND
fI = 10MHz
50% Duty Cycle
xOE = xDIR = GND
One Bit Toggling
VCC1 = Max., VCC2 = Max.
VIN = VCC2 - 0.6V
—
3.5
8.5(5)
Outputs Open
VIN = GND
fI = 2.5MHz
50% Duty Cycle
xOE = xDIR = GND
Sixteen Bits Toggling
POWER SUPPLY CHARACTERISTICS
NOTES:
1. For conditions shown as Min. or Max., use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at VCC1 = 5V, VCC2 = 3.3V, +25°C ambient.
3. Per TTL driven input. All other inputs at VCC or GND.
4. This parameter is not directly testable, but is derived for use in Total Power Supply Calculations.
5. Values for these conditions are examples of the ICC formula. These limits are guaranteed but not tested.
6. IC = IQUIESCENT + IINPUTS + IDYNAMIC
IC = ICC1 + ICC2
+ ΔICC DHNT + ICCD (fCPNCP/2 + fiNi)
ICC1 = Quiescent Current (ICC1L, ICC1H and ICC1Z)
ICC2 = Quiescent Current (ICC2L, ICC2H and ICC2Z)
ΔICC = Power Supply Current for a TTL High Input
DH = Duty Cycle for TTL Inputs High
NT = Number of TTL Inputs at DH
ICCD = Dynamic Current caused by an Input Transition Pair (HLH or LHL)
fCP = Clock Frequency for Register Devices (Zero for Non-Register Devices)
NCP = Number of Clock Inputs at fCP
fi = Input Frequency
Ni = Number of Inputs at fi



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com