Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74FCT164245TPVG Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # 74FCT164245TPVG
Description  FAST CMOS 16-BIT BIDIRECTIONAL 3.3V TO 5V TRANSLATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

74FCT164245TPVG Datasheet(HTML) 1 Page - Renesas Technology Corp

  74FCT164245TPVG Datasheet HTML 1Page - Renesas Technology Corp 74FCT164245TPVG Datasheet HTML 2Page - Renesas Technology Corp 74FCT164245TPVG Datasheet HTML 3Page - Renesas Technology Corp 74FCT164245TPVG Datasheet HTML 4Page - Renesas Technology Corp 74FCT164245TPVG Datasheet HTML 5Page - Renesas Technology Corp 74FCT164245TPVG Datasheet HTML 6Page - Renesas Technology Corp 74FCT164245TPVG Datasheet HTML 7Page - Renesas Technology Corp 74FCT164245TPVG Datasheet HTML 8Page - Renesas Technology Corp 74FCT164245TPVG Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
IDT74FCT164245T
FAST CMOS 16-BIT BIDIRECTIONAL 3.3V TO 5V TRANSLATOR
INDUSTRIALTEMPERATURERANGE
MAY 2016
INDUSTRIAL TEMPERATURE RANGE
IDT and the IDT logo are registered trademarks of Integrated Device Technology, Inc.
© 2016 Integrated Device Technology, Inc.
DSC-2555/11
FEATURES:
• 0.5 MICRON CMOS Technology
• Bidirectional interface between 3.3V and 5V buses
• Control inputs can be driven from either 3.3V or 5V circuits
• ESD > 2000V per MIL-STD-883, Method 3015; > 200V using
machine model (C = 200pF, R = 0)
•VCC1 = 5V ±10%, VCC2 = 2.7V to 3.6V
• High drive outputs (-32mA IOH, 64mA IOL) on 5V port
• Power off disable on both ports permits “live insertion”
• Typical VOLP (Output Ground Bounce) < 0.9V at VCC1 = 5V,
VCC2 = 3.3V, TA = 25°C
• Available in SSOP and TSSOP packages
FUNCTIONAL BLOCK DIAGRAM
IDT74FCT164245T
FAST CMOS 16-BIT
BIDIRECTIONAL
3.3V TO 5V TRANSLATOR
DESCRIPTION:
The FCT164245T 16-bit 3.3V-to-5V translator is built using advanced
dual metal CMOS technology. This high-speed, low-power transceiver is
designed to interface between a 3.3V bus and a 5V bus in a mixed 3.3V/
5V supply environment. This enables system designers to interface TTL
compatible3.3Vcomponentswith5Vcomponents. Thedirectionandoutput
enable controls operate these devices as either two independent 8-bit
transceivers or one 16-bit transceiver. The A port interfaces with the 3.3V
bus; the B port interfaces with the 5V bus. The direction control (xDIR) pin
controls the direction of data flow. The output enable pin (xOE) overrides
the direction control and disables both ports. These control signals can be
driven from either 3.3V or 5V devices.
The FCT164245T is ideally suited for driving high-capacitance loads
and low-impedance backplanes. The output buffers are designed with
power off disable capability to allow "hot insertion" of boards when used as
backplane drivers. They also allow interface between a mixed supply
system and external 5 volt peripherals.
1
DIR
1
OE
1
A1
1
A2
1
A3
1
A4
1
A5
1
A6
1
A7
1
A8
1
B1
1
B2
1
B3
1
B4
1
B5
1
B6
1
B7
1
B8
2
DIR
2
OE
2
A1
2
A2
2
A3
2
A4
2
A5
2
A6
2
A7
2
A8
2
B1
2
B2
2
B3
2
B4
2
B5
2
B6
2
B7
2
B8
1
47
48
2
3
5
6
46
44
43
41
40
38
37
8
9
11
12
24
36
35
33
32
30
25
29
27
26
22
23
13
14
16
17
19
20


Similar Part No. - 74FCT164245TPVG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
74FCT164245TPVG IDT-74FCT164245TPVG Datasheet
98Kb / 8P
FAST CMOS 16-BIT BIDIRECTIONAL 3.3V TO 5V TRANSLATOR
More results

Similar Description - 74FCT164245TPVG

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC74FCT164245 SANYO-LC74FCT164245 Datasheet
183Kb / 8P
Fast 16-Bit CMOS Bidirectional Transceiver(Supporting 3.3 to 5V Operation)
logo
Integrated Device Techn...
IDT74FCT164245T IDT-IDT74FCT164245T Datasheet
145Kb / 9P
FAST CMOS 16-BIT BIDIRECTIONAL 3.3V TO 5V TRANSLATOR
logo
Pericom Semiconductor C...
PI74LCX16245 PERICOM-PI74LCX16245 Datasheet
191Kb / 6P
Fast CMOS 3.3V 16-Bit Bidirectional Transceiver
PI74LPT16245 PERICOM-PI74LPT16245 Datasheet
58Kb / 5P
Fast CMOS 3.3V 16-Bit Bidirectional Transceiver
PI74FCT163245 PERICOM-PI74FCT163245 Datasheet
57Kb / 5P
Fast CMOS 3.3V 16-Bit Bidirectional Transceiver
PI74LPT16245CAEX PERICOM-PI74LPT16245CAEX Datasheet
357Kb / 6P
Fast CMOS 3.3V 16-Bit Bidirectional Transceiver
logo
Integrated Device Techn...
74FCT164245TPVG IDT-74FCT164245TPVG Datasheet
98Kb / 8P
FAST CMOS 16-BIT BIDIRECTIONAL 3.3V TO 5V TRANSLATOR
IDT74FCT164245TPVG IDT-IDT74FCT164245TPVG Datasheet
98Kb / 8P
FAST CMOS 16-BIT BIDIRECTIONAL 3.3V TO 5V TRANSLATOR
IDT74FCT164245T IDT-IDT74FCT164245T_16 Datasheet
173Kb / 8P
FAST CMOS 16-BIT BIDIRECTIONAL 3.3V TO 5V TRANSLATOR
logo
Renesas Technology Corp
IDT74FCT163245A RENESAS-IDT74FCT163245A Datasheet
268Kb / 8P
3.3V CMOS 16-BIT BIDIRECTIONAL TRANSCEIVER
SEPTEMBER 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com