Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DMN3012LEG-7 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DMN3012LEG-7
Description  30V SYNCHRONOUS N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN3012LEG-7 Datasheet(HTML) 4 Page - Diodes Incorporated

  DMN3012LEG-7 Datasheet HTML 1Page - Diodes Incorporated DMN3012LEG-7 Datasheet HTML 2Page - Diodes Incorporated DMN3012LEG-7 Datasheet HTML 3Page - Diodes Incorporated DMN3012LEG-7 Datasheet HTML 4Page - Diodes Incorporated DMN3012LEG-7 Datasheet HTML 5Page - Diodes Incorporated DMN3012LEG-7 Datasheet HTML 6Page - Diodes Incorporated DMN3012LEG-7 Datasheet HTML 7Page - Diodes Incorporated DMN3012LEG-7 Datasheet HTML 8Page - Diodes Incorporated DMN3012LEG-7 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
DMN3012LEG
Document number: DS41633 Rev. 2 - 2
4 of 10
www.diodes.com
March 2019
© Diodes Incorporated
DMN3012LEG
0.0
5.0
10.0
15.0
20.0
25.0
30.0
35.0
40.0
45.0
50.0
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
V
DS, DRAIN-SOURCE VOLTAGE (V)
Figure 1. Q1 Typical Output Characteristic
V
GS = 2.0V
V
GS = 2.5V
V
GS = 3.0V
V
GS = 3.5V
V
GS = 4.0V
V
GS = 4.5V
V
GS = 5.0V
0.0
5.0
10.0
15.0
20.0
25.0
30.0
35.0
40.0
45.0
50.0
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
V
DS, DRAIN-SOURCE VOLTAGE (V)
Figure 2. Q2 Typical Output Characteristic
V
GS = 1.3V
V
GS = 1.5V
V
GS = 2.0V
V
GS = 2.5V
V
GS = 3.0V
V
GS = 3.5V
V
GS = 4.0V
V
GS = 4.5V
V
GS = 5.0V
0
5
10
15
20
25
30
0
0.5
1
1.5
2
2.5
3
V
GS, GATE-SOURCE VOLTAGE (V)
Figure 3. Q1 Typical Transfer Characteristic
V
DS = 5V
T
J = -55
oC
T
J = 25
oC
T
J = 85
oC
T
J = 125
oC
T
J = 150
oC
0
5
10
15
20
25
30
0
0.5
1
1.5
2
2.5
3
V
GS, GATE-SOURCE VOLTAGE (V)
Figure 4. Q2 Typical Transfer Characteristic
V
DS = 5V
T
J = -55
oC
T
J = 25
oC
T
J = 85
oC
T
J = 125
oC
T
J = 150
oC
0.005
0.007
0.009
0.011
0.013
0.015
0
5
10
15
20
25
30
I
D, DRAIN-SOURCE CURRENT (A)
Figure 5. Q1 Typical On-Resistance vs. Drain Current
and Gate Voltage
V
GS = 5V
0
0.002
0.004
0.006
0.008
0.01
0
5
10
15
20
25
30
I
D, DRAIN-SOURCE CURRENT (A)
Figure 6. Q2 Typical On-Resistance vs. Drain Current
and Gate Voltage
V
GS = 5V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com