Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DMN3012LEG-7 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # DMN3012LEG-7
Description  30V SYNCHRONOUS N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN3012LEG-7 Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button DMN3012LEG-7 Datasheet HTML 2Page - Diodes Incorporated DMN3012LEG-7 Datasheet HTML 3Page - Diodes Incorporated DMN3012LEG-7 Datasheet HTML 4Page - Diodes Incorporated DMN3012LEG-7 Datasheet HTML 5Page - Diodes Incorporated DMN3012LEG-7 Datasheet HTML 6Page - Diodes Incorporated DMN3012LEG-7 Datasheet HTML 7Page - Diodes Incorporated DMN3012LEG-7 Datasheet HTML 8Page - Diodes Incorporated DMN3012LEG-7 Datasheet HTML 9Page - Diodes Incorporated DMN3012LEG-7 Datasheet HTML 10Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
DMN3012LEG
Document number: DS41633 Rev. 2 - 2
7 of 10
www.diodes.com
March 2019
© Diodes Incorporated
DMN3012LEG
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
0
2
4
6
8
10
Q
g (nC)
Figure 19. Q1 Gate Charge
V
DS = 15V, ID = 15A
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
0
1
2
3
4
5
Q
g (nC)
Figure 20. Q2 Gate Charge
V
DS = 15V, ID = 15A
0.01
0.1
1
10
100
0.1
1
10
100
V
DS, DRAIN-SOURCE VOLTAGE (V)
Figure 21. Q1 SOA, Safe Operation Area
T
J(Max) = 150℃
T
C = 25℃
Single Pulse
DUT on 1*MRP
Board
V
GS = 5V
R
DS(ON)
Limited
DC
P
W = 10s
P
W = 1s
P
W = 100ms
P
W = 10ms
P
W = 1ms
P
W = 100µs
0.01
0.1
1
10
100
1000
0.01
0.1
1
10
100
V
DS, DRAIN-SOURCE VOLTAGE (V)
Figure 22. Q2 SOA, Safe Operation Area
T
J(Max) = 150℃
T
C = 25℃
Single Pulse
DUT on 1*MRP
Board
V
GS = 5V
R
DS(ON)
Limited
DC
P
W = 10s
P
W = 1s
P
W = 100ms
P
W = 10ms
P
W = 1ms
P
W = 100µs
0
100
200
300
400
500
600
0.0001
0.001
0.01
0.1
1
10
100
1000
t1, PULSE DURATION TIME (sec)
Figure 23. Single Pulse Maximum Power Dissipation
Single Pulse
RθJA = 112℃/W
RθJA (t) = RθJA * r(t)
T
J - TA = P * R
θJA (t)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com