Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AMR1341G Datasheet(PDF) 4 Page - MultiDimension Technology Co.,Ltd.

Part # AMR1341G
Description  High-Sensitivity Pneumatic Cylinder Switch Sensor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTIDIMENSION [MultiDimension Technology Co.,Ltd.]
Direct Link  http://www.dowaytech.com/en/
Logo MULTIDIMENSION - MultiDimension Technology Co.,Ltd.

AMR1341G Datasheet(HTML) 4 Page - MultiDimension Technology Co.,Ltd.

  AMR1341G Datasheet HTML 1Page - MultiDimension Technology Co.,Ltd. AMR1341G Datasheet HTML 2Page - MultiDimension Technology Co.,Ltd. AMR1341G Datasheet HTML 3Page - MultiDimension Technology Co.,Ltd. AMR1341G Datasheet HTML 4Page - MultiDimension Technology Co.,Ltd. AMR1341G Datasheet HTML 5Page - MultiDimension Technology Co.,Ltd. AMR1341G Datasheet HTML 6Page - MultiDimension Technology Co.,Ltd. AMR1341G Datasheet HTML 7Page - MultiDimension Technology Co.,Ltd. AMR1341G Datasheet HTML 8Page - MultiDimension Technology Co.,Ltd. AMR1341G Datasheet HTML 9Page - MultiDimension Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4. Absolute Maximum Ratings
Parameters
Symbol
Min.
Max.
Unit
Supply voltage
VCC
-
7
V
Reverse supply current
VRCC
-
0.3
V
Output current
ISINK
-
20
mA
Magnetic flux density
B
-
5000
Gs
ESD performance (HBM)
VESD
-
2
kV
Operating ambient temperature
TA
-40
125
°C
Storage ambient temperature
TSTG
-50
150
°C
5. Electrical Specifications
VCC = 1.8 V, TA= 25 °C, a 0.1 μF capacitor is connected between VCC and GND unless specified otherwise
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Supply voltage
VCC
Operating
1.6
1.8
5
V
Output high voltage
VOH
-
VCC - 0.2
-
VCC
V
Output low voltage
VOL
OUT = L, VCC = 3 V, ISINK = 10 mA
0
-
0.2
V
Supply current - average
ICC
-
-
40
-
μA
Supply current – sleep
Icc-sleep
-
-
30
-
μA
Supply current - awake
Icc-awake
-
-
250
-
μA
Switching frequency
F
-
-
1000
-
Hz
MultiDimension Technology Co., Ltd.
http://www.dowaytech.com/en/
AMR134x
High-Sensitivity Pneumatic Cylinder Switch Sensor
04



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com