Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AMR1341G Datasheet(PDF) 7 Page - MultiDimension Technology Co.,Ltd.

Part # AMR1341G
Description  High-Sensitivity Pneumatic Cylinder Switch Sensor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTIDIMENSION [MultiDimension Technology Co.,Ltd.]
Direct Link  http://www.dowaytech.com/en/
Logo MULTIDIMENSION - MultiDimension Technology Co.,Ltd.

AMR1341G Datasheet(HTML) 7 Page - MultiDimension Technology Co.,Ltd.

Back Button AMR1341G Datasheet HTML 3Page - MultiDimension Technology Co.,Ltd. AMR1341G Datasheet HTML 4Page - MultiDimension Technology Co.,Ltd. AMR1341G Datasheet HTML 5Page - MultiDimension Technology Co.,Ltd. AMR1341G Datasheet HTML 6Page - MultiDimension Technology Co.,Ltd. AMR1341G Datasheet HTML 7Page - MultiDimension Technology Co.,Ltd. AMR1341G Datasheet HTML 8Page - MultiDimension Technology Co.,Ltd. AMR1341G Datasheet HTML 9Page - MultiDimension Technology Co.,Ltd. AMR1341G Datasheet HTML 10Page - MultiDimension Technology Co.,Ltd. AMR1341G Datasheet HTML 11Page - MultiDimension Technology Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
07
8. Typical Temperature Characteristics
AMR134x Temperature Characteristics
-50
0
20
40
60
80
0
50
100
Temperature (
°C)
Figure 10. Supply current versus temperature (VCC=1.8V)
AMR1341D Temperature Characteristics
AMR1341G Temperature Characteristics
-80
-40
40
0
-50
0
50
100
Temperature (
°C)
BOPS
BRPS
BRPN
BOPN
-80
-40
40
0
-50
0
50
100
Temperature (
°C)
BOPS
BRPS
BRPN
BOPN
Figure 11. Switch points versus temperature (VCC=1.8V)
Figure 12. Switch points versus temperature (VCC=1.8V)
AMR1342D Temperature Characteristics
AMR1342G Temperature Characteristics
-80
-40
40
0
-50
0
50
100
Temperature (
°C)
BOPS
BRPS
BRPN
BOPN
-80
-40
40
0
-50
0
50
100
Temperature (
°C)
BOPS
BRPS
BRPN
BOPN
Figure 13. Switch points versus temperature (VCC=1.8V)
Figure 14. Switch points versus temperature (VCC=1.8V)
MultiDimension Technology Co., Ltd.
http://www.dowaytech.com/en/
AMR134x
High-Sensitivity Pneumatic Cylinder Switch Sensor



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com