Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DMN3061SVT Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DMN3061SVT
Description  DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN3061SVT Datasheet(HTML) 4 Page - Diodes Incorporated

  DMN3061SVT Datasheet HTML 1Page - Diodes Incorporated DMN3061SVT Datasheet HTML 2Page - Diodes Incorporated DMN3061SVT Datasheet HTML 3Page - Diodes Incorporated DMN3061SVT Datasheet HTML 4Page - Diodes Incorporated DMN3061SVT Datasheet HTML 5Page - Diodes Incorporated DMN3061SVT Datasheet HTML 6Page - Diodes Incorporated DMN3061SVT Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
DMN3061SVT
Document number: DS41717 Rev. 2 - 2
4 of 7
www.diodes.com
April 2019
© Diodes Incorporated
DMN3061SVT
0.02
0.03
0.04
0.05
0.06
0.07
0.08
-50
-25
0
25
50
75
100
125
150
T
J, JUNCTION TEMPERATURE (℃)
Figure 7. On-Resistance Variation with Temperature
V
GS = 10V, ID = 3.1A
V
GS = 4.5V, ID = 2A
V
GS = 3.3V, ID = 1.5A
0.6
0.8
1
1.2
1.4
1.6
1.8
-50
-25
0
25
50
75
100
125
150
T
J, JUNCTION TEMPERATURE (℃)
Figure 8. Gate Threshold Variation vs.
JunctionTemperature
I
D = 250μA
I
D = 1mA
0
5
10
15
20
0
0.3
0.6
0.9
1.2
1.5
V
SD, SOURCE-DRAIN VOLTAGE (V)
Figure 9. Diode Forward Voltage vs. Current
V
GS = 0V
T
J= -55℃
T
J= 25℃
T
J= 85℃
T
J= 125℃
T
J= 150℃
10
100
1000
10000
0
10
20
30
V
DS, DRAIN-SOURCE VOLTAGE (V)
Figure 10. Typical Junction Capacitance
f=1MHz
Ciss
Coss
Crss
0
2
4
6
8
10
0
3
6
9
Qg (nC)
Figure 11. Gate Charge
V
DS = 15V, ID = 3A
0.01
0.1
1
10
100
0.1
1
10
100
V
DS, DRAIN-SOURCE VOLTAGE (V)
Figure 12. SOA, Safe Operation Area
T
J(MAX)=150℃
T
C=25℃
Single Pulse
DUT on1*MRP
board
V
GS=10V
R
DS(ON) LIMITED
P
W=1s
P
W=100ms
P
W=10ms
P
W=1ms
P
W=100μs
DC
P
W=10s



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com