| Electronic Components Datasheet Search |
|
MB90867APF Datasheet(PDF) 9 Page - fujitsu semiconductor |
|
|
|||||||||||||||||||||||||||||
MB90867APF Datasheet(HTML) 9 Page - fujitsu semiconductor |
|
9 / 62 page ![]() MB90860A Series 9 (Continued) Pin No. Pin name Circuit type Function LQFP100*2 QFP100*1 92 94 P15 G General purpose I/O. The register can be set to select whether to use a pull-up resistor. This function is enabled in single-chip mode. AD13 I/O pin for bit 13 of the external address/data bus. This function is enabled when the external bus is enabled. SIN4 Serial data input pin for UART4 (MB90V340 only) 93 95 P16 G General purpose I/O. The register can be set to select whether to use a pull-up resistor. This function is enabled in single-chip mode. AD14 I/O pin for bit 14 of the external address/data bus. This function is enabled when the external bus is enabled. SOT4 Serial data output pin for UART4 (MB90V340 only) 94 96 P17 G General purpose I/O. The register can be set to select whether to use a pull-up resistor. This function is enabled in single-chip mode. AD15 I/O pin for bit 15 of the external address/data bus. This function is enabled when the external bus is enabled. SCK4 Clock I/O pin for UART4 (MB90V340 only) 95 to 98 97 to 100 P20 to P23 G General purpose I/O. The register can be set to select whether to use a pull-up resistor.In external bus mode, the pin is enabled as a general-purpose I/O port when the corresponding bit in the external address output control register (HACR) is 1. A16 to A19 Output pins for A16 to A19 of the external address bus. When the corresponding bit in the external address output control register (HACR) is 0, the pins are enabled as high address output pins (A16 to A19). PPG9,PPGB, PPGD,PPGF Output pins for PPGs 99 to 2 1 to 4 P24 to P27 G General purpose I/O. The register can be set to select whether to use a pull-up resistor.In external bus mode, the pin is enabled as a general-purpose I/O port when the corresponding bit in the external address output control register (HACR) is 1. A20 to A23 Output pins for A20 to A23 of the external address bus. When the corresponding bit in the external address output control register (HACR) is 0, the pins are enabled as high address output pins (A20 to A23). IN0 to IN3 Data sample input pins for input captures ICU0 to ICU3 35 P30 G General purpose I/O.The register can be set to select whether to use a pull-up resistor.This function is enabled in single-chip mode. ALE Address latch enable output pin. This function is enabled when the external bus is enabled. IN4 Data sample input pin for input capture ICU4 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |