Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB90867APF Datasheet(PDF) 13 Page - fujitsu semiconductor

Part # MB90867APF
Description  16-bit Proprietary Microcontroller CMOS
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90867APF Datasheet(HTML) 13 Page - fujitsu semiconductor

Back Button MB90867APF Datasheet HTML 9Page - fujitsu semiconductor MB90867APF Datasheet HTML 10Page - fujitsu semiconductor MB90867APF Datasheet HTML 11Page - fujitsu semiconductor MB90867APF Datasheet HTML 12Page - fujitsu semiconductor MB90867APF Datasheet HTML 13Page - fujitsu semiconductor MB90867APF Datasheet HTML 14Page - fujitsu semiconductor MB90867APF Datasheet HTML 15Page - fujitsu semiconductor MB90867APF Datasheet HTML 16Page - fujitsu semiconductor MB90867APF Datasheet HTML 17Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 62 page
background image
MB90860A Series
13
(Continued)
*1 : FPT-100P-M06
*2 : FPT-100P-M05
Pin No.
Pin name
Circuit
type
Function
LQFP100*2 QFP100*1
62
64
P87
F
General purpose I/O
SCK1
Clock I/O pin for UART1
65 to 68
67 to 70
P90 to P93
F
General purpose I/O
PPG1, 3, 5, 7
Output pins for PPGs
69 to 72
71 to 74
P94 to P97
F
General purpose I/O
OUT0 to
OUT3
Waveform output pins for output compares OCU0 to OCU3.
This function is enabled when the OCU enables waveform
output.
73
75
PA0
F
General purpose I/O
RX0
RX input pin for CAN0 (MB90V340 (s) only)
INT8R
Sub external interrupt request input pin for INT8
74
76
PA1
F
General purpose I/O
TX0
TX Output pin for CAN0 (MB90V340 (s) only)
30
32
AVCC
K
Vcc power input pin for analog circuits
31
33
AVRH
L
Reference voltage input for the A/D Converter. This power
supply must be turned on or off while a voltage higher than or
equal to AVRH is applied to AVCC.
32
34
AVRL
K
Lower reference voltage input for the A/D Converter
33
35
AVSS
K
Vss power input pin for analog circuits
50, 51
52, 53
MD1, MD0
C
Input pins for specifying the operating mode. The pins must be
directly connected to Vcc or Vss
49
51
MD2
D
Input pin for specifying the operating mode. The pins must be
directly connected to Vcc or Vss.
13
63
88
15
65
90
VCC
Power (3.5 V to 5.5 V) input pins
14
42
64
89
16
44
66
91
VSS
Power (0V) input pins
15
17
C
K
This is the power supply stabilization capacitor pin. It should be
connected to a higher than or equal to 0.1
µF ceramic capaci-
tor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com