Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB90F482PFV Datasheet(PDF) 9 Page - fujitsu semiconductor

Part # MB90F482PFV
Description  16-bit Proprietary Microcontroller CMOS
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90F482PFV Datasheet(HTML) 9 Page - fujitsu semiconductor

Back Button MB90F482PFV Datasheet HTML 5Page - fujitsu semiconductor MB90F482PFV Datasheet HTML 6Page - fujitsu semiconductor MB90F482PFV Datasheet HTML 7Page - fujitsu semiconductor MB90F482PFV Datasheet HTML 8Page - fujitsu semiconductor MB90F482PFV Datasheet HTML 9Page - fujitsu semiconductor MB90F482PFV Datasheet HTML 10Page - fujitsu semiconductor MB90F482PFV Datasheet HTML 11Page - fujitsu semiconductor MB90F482PFV Datasheet HTML 12Page - fujitsu semiconductor MB90F482PFV Datasheet HTML 13Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 113 page
background image
MB90480/485 Series
9
(Continued)
Pin No.
Pin name
Circuit
type
Function
LQFP*1 QFP*2
810
P31
E
(CMOS/
H)
This is a general purpose I/O port.
A01
In non-multplex mode, this pin functions as an external address pin.
BIN0
8/16-bit up/down counter input pin (channel 0) .
10
12
P32
E
(CMOS/
H)
This is a general purpose I/O port.
A02
In non-multiplex mode, this pin functions as an external address pin.
ZIN0
8/16-bit up/down counter input pin (channel 0)
11
13
P33
E
(CMOS/
H)
This is a general purpose I/O port.
A03
In non-multiplex mode, this pin functions as an external address pin.
AIN1
8/16-bit up/down counter input pin (channel 1) .
12
14
P34
E
(CMOS/
H)
This is a general purpose I/O port.
A04
In non-multiplex mode, this pin functions as an external address pin.
BIN1
8/16-bit up/down counter input pin (channel 1) .
13
15
P35
E
(CMOS/
H)
This is a general purpose I/O port.
A05
In non-multiplex mode, this pin functions as an external address pin.
ZIN1
8/16-bit up/down counter input pin (channel 1)
14
15
16
17*3
P36, P37
D
(CMOS)
MB90480
series
This is a general purpose I/O port.
A06, A07
In non-multiplex mode, this pin functions as an external address pin.
P36, P37
E
(CMOS/
H
)
MB90485
series
This is a general purpose I/O port.
A06, A07
In non-multiplex mode, this pin functions as an external address pin.
PWC0,
PWC1
This is a PWC input pin.
16
18
P40
G
(CMOS/
H)
This is a general purpose I/O port.
A08
In non-multiplex mode, this pin functions as an external address pin.
SIN2
Simple serial I/O input pin.
17
19
P41
F
(CMOS)
This is a general purpose I/O port.
A09
In non-multiplex mode, this pin functions as an external address pin.
SOT2
Simple serial I/O output pin.
18
20
P42
G
(CMOS/
H)
This is a general purpose I/O port.
A10
In non-multiplex mode, this pin functions as an external address pin.
SCK2
Simple serial I/O clock input/output pin.
19
20
21
22
P43, P44
F
(CMOS)
MB90480
series
This is a general purpose I/O port.
A11, A12
In non-multiplex mode, this pin functions as an external address pin.
P43, P44
F
(CMOS)
MB90485
series
This is a general purpose I/O port.
A11, A12
In non-multiplex mode, this pin functions as an external address pin.
MT00,
MT01
µPG output pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com