Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB90F482PFV Datasheet(PDF) 92 Page - fujitsu semiconductor

Part # MB90F482PFV
Description  16-bit Proprietary Microcontroller CMOS
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90F482PFV Datasheet(HTML) 92 Page - fujitsu semiconductor

Back Button MB90F482PFV Datasheet HTML 88Page - fujitsu semiconductor MB90F482PFV Datasheet HTML 89Page - fujitsu semiconductor MB90F482PFV Datasheet HTML 90Page - fujitsu semiconductor MB90F482PFV Datasheet HTML 91Page - fujitsu semiconductor MB90F482PFV Datasheet HTML 92Page - fujitsu semiconductor MB90F482PFV Datasheet HTML 93Page - fujitsu semiconductor MB90F482PFV Datasheet HTML 94Page - fujitsu semiconductor MB90F482PFV Datasheet HTML 95Page - fujitsu semiconductor MB90F482PFV Datasheet HTML 96Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 113 page
background image
MB90480/485 Series
92
(6) Bus Write Timing
(VCC
= 2.7 V to 3.6 V, VSS = 0.0 V, TA = 0 °C to +70 °C)
* : tCP : See “ (1) Clock Timing Standards”.
Parameter
Sym-
bol
Pin name
Condi-
tion
Value
Unit
Remarks
Min
Max
Valid address
→WR↓time
tAVWL
Address, WR
tCP*
− 15
ns
WR pulse width
tWLWH
WRL, WRH
3 tCP*
/ 2 − 25
ns
at fcp
= 25 MHz
3 tCP*
/ 2 − 20
ns
at fcp
= 16 MHz
Valid data output
→WR↑time tDVWH
Data, WR
3 tCP*
/ 2 − 15
ns
WR
↑→data hold time
tWHDX
WR,
Data
10
ns
at fcp
= 25 MHz
20
ns
at fcp
= 16 MHz
30
ns
at fcp
= 8 MHz
WR
↑→address valid time
tWHAX
WR, Address
tCP*
/ 2 − 10
ns
WR
↑→ALE↑time
tWHLH
WR, ALE
tCP*
/ 2 − 15
ns
WR
↓→CLK↑time
tWLCH
WR, CLK
tCP*
/ 2 − 17
ns
WR
(WRL, WRH)
0.8 V
0.8 V
2.4 V
2.4 V
2.4 V
2.4 V
0.8 V
2.4 V
0.8 V
2.4 V
CLK
ALE
A23 to A16
AD15 to AD00
tWHLH
tAVWL
tDVWH
tDVWH
tWLWH
tWHAX
tWHDX
tWLCH
0.8 V
2.4 V
0.8 V
2.4 V
A23 to A00
D15 to D00
tWHAX
tWHDX
0.8 V
2.4 V
0.8 V
2.4 V
0.8 V
2.4 V
0.8 V
2.4 V
Address
Write data
Write data
In multiplexed mode
In non-multiplexed mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com