Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB90F482PFV Datasheet(PDF) 102 Page - fujitsu semiconductor

Part # MB90F482PFV
Description  16-bit Proprietary Microcontroller CMOS
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90F482PFV Datasheet(HTML) 102 Page - fujitsu semiconductor

Back Button MB90F482PFV Datasheet HTML 98Page - fujitsu semiconductor MB90F482PFV Datasheet HTML 99Page - fujitsu semiconductor MB90F482PFV Datasheet HTML 100Page - fujitsu semiconductor MB90F482PFV Datasheet HTML 101Page - fujitsu semiconductor MB90F482PFV Datasheet HTML 102Page - fujitsu semiconductor MB90F482PFV Datasheet HTML 103Page - fujitsu semiconductor MB90F482PFV Datasheet HTML 104Page - fujitsu semiconductor MB90F482PFV Datasheet HTML 105Page - fujitsu semiconductor MB90F482PFV Datasheet HTML 106Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 113 page
background image
MB90480/485 Series
102
(16) Chip Select Output Timing
(VCC
= 2.7 V to 3.6 V, VSS = 0.0 V, TA = −40 °C to +85 °C)
* : tCP : See “ (1) Clock Timing Standards”.
Note : Due to the configuration of the internal bus, changes in the chip select output signal are clock synchronous
and therefore may causes bus conflict conditions. AC cannot be warranted between the ALE output signal
and the chip select output signal.
Parameter
Sym-
bol
Pin name
Condi-
tions
Value
Unit
Remarks
Min
Max
Chip select output valid time
→RD↓
tSVRL
CS0 to CS3,
RD
tCP*
/ 2 − 7
ns
Chip select output valid
time
→WR↓
tSVWL
CS0 to CS3,
WRH, WRL
tCP*
/ 2 − 7
ns
RD
↑→chip select output valid
time
tRHSV
RD,
CS0 to CS3
tCP*
/ 2 − 17
ns
WR
↑→chip select output
valid time
tWHSV
WRH, WRL,
CS0 to CS3
tCP*
/ 2 − 17
ns
tSVRL
tSVWL
tWHSV
tRHSV
0.8 V
0.8 V
2.4 V
2.4 V
2.4 V
2.4 V
0.8 V
0.8 V
RD
A23 to A16
CS0 to CS3
D15 to D00
WRH, WRL
D15 to D00
Read data
Write data
Unde-
fined



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com