Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSD4256G6V Datasheet(PDF) 70 Page - STMicroelectronics

Part # PSD4256G6V
Description  Flash In-System Programmable (ISP) Peripherals for 16-bit MCUs
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD4256G6V Datasheet(HTML) 70 Page - STMicroelectronics

Back Button PSD4256G6V Datasheet HTML 66Page - STMicroelectronics PSD4256G6V Datasheet HTML 67Page - STMicroelectronics PSD4256G6V Datasheet HTML 68Page - STMicroelectronics PSD4256G6V Datasheet HTML 69Page - STMicroelectronics PSD4256G6V Datasheet HTML 70Page - STMicroelectronics PSD4256G6V Datasheet HTML 71Page - STMicroelectronics PSD4256G6V Datasheet HTML 72Page - STMicroelectronics PSD4256G6V Datasheet HTML 73Page - STMicroelectronics PSD4256G6V Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 100 page
background image
PSD4256G6V
70/100
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
POWER MANAGEMENT
The PSD device offers configurable power saving
options. These options may be used individually or
in combinations, as follows:
s
All memory blocks in a PSD (primary Flash
memory, secondary Flash memory, and SRAM)
are built with power management technology. In
addition to using special silicon design
methodology, power management technology
puts the memories into Standby Mode when
address/data inputs are not changing (zero DC
current). As soon as a transition occurs on an
input, the affected memory “wakes up”,
changes and latches its outputs, then goes back
to standby. The designer does
not have to do
anything special to achieve memory Standby
Mode when no inputs are changing—it happens
automatically.
The PLD sections can also achieve Standby
Mode when its inputs are not changing, as de-
scribed for the Power Management Mode Reg-
isters (PMMR), later.
s
The Automatic Power Down (APD) block allows
the PSD to reduce to standby current
automatically. The APD Unit also blocks MCU
address/data signals from reaching the
memories and PLDs. This feature is available
on all PSD devices. The APD Unit is described
in more detail in the section entitled “Automatic
Power-down (APD) Unit and Power-down
Mode”, on page 71.
Built in logic monitors the Address Strobe of the
MCU for activity. If there is no activity for a cer-
tain period (the MCU is asleep), the APD Unit
initiates Power-down mode (if enabled). Once in
Power-down mode, all address/data signals are
blocked from reaching the PSD memories and
PLDs, and the memories are deselected inter-
nally. This allows the memories and PLDs to re-
main in Standby Mode even if the address/data
signals are changing state externally (noise,
other devices on the MCU bus, etc.). Keep in
mind that any unblocked PLD input signals that
are changing states keeps the PLD out of
Standby Mode, but not the memories.
s
PSD Chip Select Input (CSI, PD2) can be used
to disable the internal memories, placing them
in Standby Mode even if inputs are changing.
This feature does not block any internal signals
or disable the PLDs. This is a good alternative
to using the APD Unit, especially if your MCU
has a chip select output. There is a slight
penalty in memory access time when PSD Chip
Select Input (CSI, PD2) makes its initial
transition from deselected to selected.
s
The Power Management Mode Registers
(PMMR) can be written by the MCU at run-time
to manage power. All PSD devices support
“blocking bits” in these registers that are set to
block designated signals from reaching both
PLDs. Current consumption of the PLDs is
directly related to the composite frequency of
the changes on their inputs (see Figure 35,
page 77).
Significant power savings can be achieved by
blocking signals that are not used in DPLD or
CPLD logic equations at run-time. PSDsoft cre-
ates a fuse map that automatically blocks the
low address byte (A7-A0) or the control signals
(CNTL0-CNTL2, ALE and WRITE-Enable High-
byte (WRH/DBE, PD3)) if none of these signals
are used in PLD logic equations.
PSD devices have a Turbo bit in PMMR0. This
bit can be set to turn the Turbo mode off (the de-
fault is with Turbo mode turned on). While Turbo
mode is off, the PLDs can achieve standby cur-
rent when no PLD inputs are changing (zero DC
current). Even when inputs do change, signifi-
cant power can be saved at lower frequencies
(AC current), compared to when Turbo mode is
on. When the Turbo mode is on, there is a sig-
nificant DC current component, and the AC
component is higher.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com