Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSD4256G6V Datasheet(PDF) 75 Page - STMicroelectronics

Part # PSD4256G6V
Description  Flash In-System Programmable (ISP) Peripherals for 16-bit MCUs
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD4256G6V Datasheet(HTML) 75 Page - STMicroelectronics

Back Button PSD4256G6V Datasheet HTML 71Page - STMicroelectronics PSD4256G6V Datasheet HTML 72Page - STMicroelectronics PSD4256G6V Datasheet HTML 73Page - STMicroelectronics PSD4256G6V Datasheet HTML 74Page - STMicroelectronics PSD4256G6V Datasheet HTML 75Page - STMicroelectronics PSD4256G6V Datasheet HTML 76Page - STMicroelectronics PSD4256G6V Datasheet HTML 77Page - STMicroelectronics PSD4256G6V Datasheet HTML 78Page - STMicroelectronics PSD4256G6V Datasheet HTML 79Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 100 page
background image
75/100
PSD4256G6V
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
Figure 34. Reset (RESET) Timing
PROGRAMMING IN-CIRCUIT USING THE JTAG SERIAL INTERFACE
The JTAG Serial Interface on the PSD can be en-
abled on Port E (see Table 52). All memory blocks
(primary Flash memory and secondary Flash
memory), PLD logic, and PSD Configuration bits
may be programmed through the JTAG-ISC Serial
Interface. A blank device can be mounted on a
printed circuit board and programmed using JTAG
In-System Programming (ISP).
The standard JTAG signals (IEEE 1149.1) are
TMS, TCK, TDI, and TDO. Two additional signals,
TSTAT and TERR, are optional JTAG extensions
used to speed up Program and Erase cycles.
By default, on a blank PSD (as shipped from the
factory, or after erasure), four pins on Port E are
enabled for the basic JTAG signals TMS, TCK,
TDI, and TDO.
See Application Note
AN1153 for more details on
JTAG In-System Programming (ISP).
Standard JTAG Signals
The standard JTAG signals (TMS, TCK, TDI, and
TDO) can be enabled by any of three different con-
ditions that are logically ORed. When enabled,
TDI, TDO, TCK, and TMS are inputs, waiting for a
serial command from an external JTAG controller
device (such as FlashLINK or Automated Test
Equipment). When the enabling command is re-
ceived from the external JTAG controller device,
TDO becomes an output and the JTAG channel is
fully functional inside the PSD. The same com-
mand that enables the JTAG channel may option-
ally enable the two additional JTAG pins, TSTAT
and TERR.
The following symbolic logic equation specifies the
conditions enabling the four basic JTAG pins
(TMS, TCK, TDI, and TDO) on their respective
Port E pins. For purposes of discussion, the logic
label JTAG_ON is used. When JTAG_ON is true,
the four pins are enabled for JTAG. When
JTAG_ON is false, the four pins can be used for
general PSD I/O.
JTAG_ON = PSDsoft_enabled +
/* An NVM configuration bit inside
the PSD is set by the designer in
the
PSDsoft
Configuration
utili-
ty.
This
dedicates
the
pins
for
JTAG at all times (compliant with
IEEE 1149.1 */
Microcontroller_enabled +
/* The microcontroller can set a
bit at run-time by writing to the
PSD
register,
JTAG
Enable.
This
register
is
located
at
address
CSIOP
+
offset
C7h.
Setting
the
JTAG_ENABLE
bit
in this
register
will enable the pins for JTAG use.
This bit is cleared by a PSD reset
or the microcontroller. See Table
21 for bit definition. */
PSD_product_term_enabled;
/* A dedicated product term (PT)
inside the PSD can be used to en-
able
the
JTAG
pins.
This
PT
has
the
reserved
name
JTAGSEL.
Once
defined as a node in PSDabel, the
designer can write an equation for
JTAGSEL. This method is used when
the
Port
E
JTAG
pins
are
multi-
plexed with other I/O signals. It
is
recommended
to
tie
logically
the node JTAGSEL to the JEN\ sig-
nal
on
the
Flashlink
cable
when
multiplexing JTAG signals. See Ap-
plication
Note
1153 for
details.
*/
tNLNH-PO
tOPR
AI02866b
RESET
tNLNH
tNLNH-A
tOPR
VCC
V
CC(min)
Power-On Reset
Warm Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com